Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSAMMPEG-UG-FLD Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # RSAMMPEG-UG-FLD
Description  Analog QAM RF and MPEG Video Probe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

RSAMMPEG-UG-FLD Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  RSAMMPEG-UG-FLD Datasheet HTML 1Page - JDS Uniphase Corporation RSAMMPEG-UG-FLD Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NORTH AMERICA
TOLL FREE
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +1 954 688 5660
FAX
: +1 954 345 4668
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
www.jdsu.com/test
RSAM-5800
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation
30162564 000 1208
RSAM5800.DS.CAB.TM.AE
December 2008
Specifications
Ordering Information
Frequency
Range
50 to 1,000 MHz
Accuracy
±10 ppm at 25°C (77°F)
Tuning resolution
Analog 10 kHz, Digital 50 kHz
Channel bandwidth
RSAM-5800A 8 MHz
RSAM-5800B 6 MHz
Level Measurement, Analog
Signal types
CW, Video, and Single and Dual Audio
(NTSC, PAL and SECAM)
Range
–40 to +60 dBmV
1
Resolution
0.1 dB
Resolution bandwidth
280 kHz
Accuracy
2
±1.5 dB typical @ 25°C
Level Measurement, Digital
Modulation types
QPSK, QAM (16, 64, 256) DVB/ACTS
Range
–20 to +50 dBmV
1
Resolution
0.1 dB
Resolution bandwidth
280 kHz
Accuracy
2
±2.0 dB typical @ 25°C
Downstream QAM Demodulation
Modulation types
64 and 256 QAM, ITU-T J.83
Input range (lock range)
–15 to +50 dBmV total
for 256 QAM
MER
3
Range 256 QAM: 28 to 35 dB
Range 64 QAM: 21 to 35 dB
Accuracy
±2.0 dB typical
EVM
3
Range 64 QAM: 1.2 to 5.8%
Accuracy
±0.5% (1.2 to 2.0%)
±1.0% (2.1 to 4.0%)
±1.4% (4.1 to 5.8%)
Range
256 QAM: 1.1 to 2.4%
Accuracy
±0.6%
Symbol rate
Annex A: 5.057 to 6.952 Msps
for 64 and 256 QAM
Annex B: 5.057 Msps for 64 QAM;
5.361 Msps for 256 QAM
Annex C: 5.274 Msps for 64 QAM;
5.361 Msps for 256 QAM
Standards Compliance
Shock and vibration
IEC 60068
Drop
IEC 61010
Handle stress
IEC 61010
Safety—emissions
EN 55022
Safety—immunity
EN 61000
Interfaces
RF
75
Ω,F81 or BNC option
Max. sustained voltage 100 VAC, 140 VDC
RS232
Standard via DB-9
Ethernet
Supports RJ45, 10BaseT, TCP/IP, and UDP
AUX
TTL-compatible output for controlling accessories
General
Dimensions
48.3 x 34.3 x 8.9 cm (19 x 13.5 x 3.5 in)
Weight
3.4 kg (7 lb 7oz)
Operating temperature range
5 to +45°C (41 to 113°F)
Storage temperature range
–20 to +50°C (0 to 120°F)
Power supply input
47
–63 Hz, ~110 VA,100–265 VAC
MPEG TR101-290 Measurements
Priority 1
– Synch loss error
– Synch byte error
– PAT error
– Continuity count error
– PMT error
– Referenced PID error
Priority 2
– Transport error
– CRC error
– PCR repetition error
– PCR discontinuity error
– PCR accuracy error
– PTS error
– CAT error
Priority 3
– Unreferenced PID error
– Program and system integration protocol (PSIP) error (ATSC)
– SI error (DVB)
1
Typical detectable range
2
Accuracy for levels between –20 to 55 dBmV;
additional uncertainty ±0.5 dB across
3
Accuracy and behavior from 50 to 1,000 MHz
for levels between 0 to 50 dBmV (typical)
Model
Part Number
Description
RSAM-5800A
RSAM5800A
Remote Service Analyzer Module—RF Video Probe—Rack-mounted RF/QAM analyzer (8 MHz tuner), including RF monitoring.
This unit is field upgradeable to add MPEG.
RSAM-5800B
RSAM5800B
Remote Service Analyzer Module—RF Video Probe—Rack-mounted RF/QAM analyzer (6 MHz tuner), including RF monitoring.
This unit is field upgradeable to add MPEG.
RSAM-MPEG
RSAM-MPEG
Factory installed—Add MPEG capability for RSAM-5800 at time of purchase.
RSAMMPEG-UG-FLD
RSAMMPEG-UG-FLD
Field upgrade—Add MPEG capability in the field for RSAM-5800, does not include calibration.
ISS-5116
1010-00-0906
16x1 RF Input Selector Switch for RSAM—20 MHz to 1 GHz
PVM Server Software
PVM-SERVER
PathTrak™ Video Monitoring (PVM) Server and Client software includes 5 client licenses.
Provides Web access for live troubleshooting and displaying performance history.
PVM Client Software
PVM-CLIENT
PathTrak Video Monitoring (PVM) Client software—Supports configuration and access to RSAM-5700 and RSAM-5800 probes.
Hardware Upgrades
RSAM-5600B to RSAM-5700B
RSM5700B-UG-FAC
Upgrade RSAM-5600B to RSAM-5700B for RF monitoring applications. Includes calibration and deep interleave upgrade (factory
upgrade).
RSAM-5800A-UPGX
RSAM58ARFUPGX56
Exchange RSAM-5600A for an RSAM-5800A with RF ONLY (without the MPEG option).
RSAM-5800B-UPGX
RSAM5800BUPGX57
Exchange RSAM-5700B for an RSAM-5800B with the MPEG option.
RSAM-5800A-UPGX
RSAM5800AUPGX56
Exchange RSAM-5600A for an RSAM-5800A with the MPEG option.
RSAM-5800B-UPGX
RSAM5800BUPGX56
Exchange RSAM-5600B for an RSAM-5800B with the MPEG option


Similar Part No. - RSAMMPEG-UG-FLD

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
RSAM-5600 JDSU-RSAM-5600 Datasheet
294Kb / 6P
   Remote Service Analyzer Module
More results

Similar Description - RSAMMPEG-UG-FLD

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Winbond
W99200F WINBOND-W99200F Datasheet
17Kb / 1P
   MPEG-1 VIDEO ENCODER
logo
Sony Corporation
CXD1922Q SONY-CXD1922Q Datasheet
38Kb / 4P
   MPEG-2 Video Encoder
logo
NXP Semiconductors
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
Toshiba Semiconductor
TC35274 TOSHIBA-TC35274 Datasheet
100Kb / 13P
   TOSHIBA MPEG-4 Video Decoder LSI
logo
STMicroelectronics
STI3500A STMICROELECTRONICS-STI3500A Datasheet
7Mb / 72P
   MPEG-2/CCIR 601 VIDEO DECODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com