Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-GI1LBTD51C Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # CT2-GI1LBTD51C
Description  OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-GI1LBTD51C Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  CT2-GI1LBTD51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-GI1LBTD51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMMUNICATIONS MODULES & SUBSYSTEMS
Key Features
• SFP MSA compatible
• Fully OC-48 SONET compliant at all reaches: SR, IR-1,
IR-2, LR-1, and LR-2
• Microprocessor-based design fully implements the
Digital Diagnostic Monitoring Interface
• Automatic output power and extinction ratio control
over temperature and lifetime to compensate for laser
efficiency degradation
• Both PIN and APD versions meet -27 dB receiver reflectance
• Optical parameters tuned and optimized over
temperature in production test
• Expandable options such as coarse wavelength division
multiplexing (CWDM) and a custom software user interface
The JDSU CT2 Series OC-48 (2.5 Gb/s) transceiver module integrates optics and
electronics in a Small Form Factor Pluggable (SFP) package. It is Multisource
Agreement (MSA) compatible and designed for operation at 1310 nm and 1550 nm.
Although optimized for OC-48, it provides multi-rate capabilities and can be used
from OC-3 (155 Mb/s) up to 2.7 Gb/s.
The CT2 Series SFP transceiver provides a fully OC-48 SONET compliant
interface between the SONET/SDH photonic layer and the electrical layer. Its
microprocessor-based modular design implements all features specified in the
SFP MSA compatible 2-wire Serial Digital Diagnostic Monitoring Interface for
Optical Transceivers.
The major components in this module include a Fabry-Perot or uncooled
distributed feedback (DFB) based optical transmitter, a PIN or APD based optical
receiver with integrated transimpedence amplifier (TIA), an APD high voltage
circuit (if required), a microprocessor, a limiting post amplifier, and a laser driver.
The modular transceiver design offers a "hot-pluggable" interface, allowing the
same basic architecture to be used for SR, IR-1, IR-2, LR-1, and LR-2 versions.
Applications
• Metro access
•Metro core
• Wide area networks
• Optical crossconnects
Compliance
• GR-253-CORE
• ITU-T G.957
• SFF-8472
OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2 Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - CT2-GI1LBTD51C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
List of Unclassifed Man...
CT2-A30/L ETC-CT2-A30/L Datasheet
348Kb / 1P
   Electronic timer relay
More results

Similar Description - CT2-GI1LBTD51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-PI1LATD31C JDSU-CT2-PI1LATD31C Datasheet
205Kb / 8P
   OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com