Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OST-04XCC-TA1-ES Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # OST-04XCC-TA1-ES
Description  Optical Switch Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OST-04XCC-TA1-ES Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  OST-04XCC-TA1-ES Datasheet HTML 1Page - JDS Uniphase Corporation OST-04XCC-TA1-ES Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2006 Polatis Inc. All rights reserved. All information in this document is
provided for informational purposes only and is subject to change without notice.
Polatis Inc. assumes no liability for actions taken based on information contained herein.
Packaging Information
Ordering Information
The part numbering scheme for Polatis products is as
follows:
The performance characteristics of the switch trays vary
according to the fiber count.
PERFORMANCE SPECIFICATIONS
Fiber Count Designator
G
H
Insertion Loss @ 1550nm 1
<1.0dB
<1.4dB
Polarization Dependent Loss
<0.05dB
<0.1dB
Crosstalk
<-70dB
<-60dB
Operating Wavelength Range
1260-1625nm
Wavelength Dependent Loss
<0.3dB (C+L Band)
Repeatability
±0.05dB
Return Loss 2
>55dB
Switching Time
<17ms
Maximum Optical Power 3
+27dBm
Switch Lifetime
108 cycles
Operating Temp (Normal)
+10° to +40°C, <85% RH non-condensing
Operating Temp (Extended)
- 5° to +55°C, <90% RH non-condensing
Storage Temp (Normal)
-40° to +70°C, <40% RH non-condensing
Storage Temp (Extended)
-40° to +70°C, <95% RH non-condensing
Qualification (Normal)
Designed to meet EN60950
Qualification (Extended)
Designed to meet Telcordia GR63
EN60950
All parameters are measured excluding connectors at 1550nm and 20°C with an unpolarized
source after thermal equalization unless stated.
1. Measured using a 3 patch-cord method as defined in TIA/EIA-526-14A
2. With APC connectors return loss >70dB without connectors
3. Switch will operate on dark fiber
Fiber
Count
04
08
12
16
20
24
28
32
04
GGGGHHH
H
08
GGGGHHH
H
12
GGGGHHH
H
16
GGGGHHH
H
20
HHHHHHH
H
24
HHHHHHH
H
28
HHHHHHH
H
32
HHHHHHH
H
OST -
x
-
1 -
Fibers
4-32 Input
8-32 Reconfigurable
Fibers
4-32 Output
CC = Reconfigurable
Connector
L = LC
F = FC
C = SC
T = ST
U = MU
Polish
U = UPC
A = APC
Fiber
1 = Single mode 9/125µm
Interface
E = Ethernet & RS232
M = Ethernet (Multisession) & RS232
G = GPIB, Ethernet & RS232
Protocol
S = SCPI
T = TL1
Power
B = Battery (48V)
Mains connector type
A = North America/Japan
E = Continental Europe
U = UK
C = China/Australia
Environmental
N = Normal
E = Extended
Customization
S = Standard
V = Non-standard Variant
Fiber Count
Connector
Tray
Power
Dimensions
Dissipation
8-32
LC or MU
19” rack mount
8-16
FC, SC or ST
1 rack unit high
25W
17-32
FC, SC or ST
19” rack mount
2 rack units high
33-64
All
19” rack mount
45W
3 rack units high
FOR MORE INFORMATION
Visit our website: www.jdsu.com
E-mail us: sales@jdsu.com
Phone us:
North American Sales: 1 866 228 3762
Latin American Sales: +55 11 5503 3800
Asia Pacific Sales: +852 2892 0990
EMEA Sales: +49 7121 86 2222


Similar Part No. - OST-04XCC-TA1-ES

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
OST-04X04-CP8-ES JDSU-OST-04X04-CP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
OST-04X04-CP8-GS JDSU-OST-04X04-CP8-GS Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
OST-04X04-CP8-MS JDSU-OST-04X04-CP8-MS Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
OST-04X04-CP9-ES JDSU-OST-04X04-CP9-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
OST-04X04-CP9-MS JDSU-OST-04X04-CP9-MS Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
More results

Similar Description - OST-04XCC-TA1-ES

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
OST-04X04-LP8-ES JDSU-OST-04X04-LP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
OPB816Z OPTEK-OPB816Z Datasheet
375Kb / 3P
   Slotted Optical Switch
logo
Fairchild Semiconductor
QVL21653 FAIRCHILD-QVL21653 Datasheet
52Kb / 3P
   SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
   Slotted Optical Switch
OPB818 OPTEK-OPB818_07 Datasheet
174Kb / 3P
   SLOTTED OPTICAL SWITCH
OPB355 OPTEK-OPB355_07 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
QT Optoelectronics
CNY36 QT-CNY36 Datasheet
257Kb / 3P
   SLOTTED OPTICAL SWITCH
H21A4 QT-H21A4 Datasheet
294Kb / 4P
   SOLTTED OPTICAL SWITCH
H22A4 QT-H22A4 Datasheet
290Kb / 4P
   SLOTTED OPTICAL SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com