Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-LL2MATD51C Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # CT2-LL2MATD51C
Description  OC-3 SFP Transceiver (1310 nm and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-LL2MATD51C Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  CT2-LL2MATD51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-LL2MATD51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
OC-3 SFP TRANSCEIVER
Specifications
Parameter
IR-1
LR-1
LR-2
Average output power1
Minimum
-15 dBm
-5 dBm
-5 dBm
Typical
-
-2.5 dBm
-2.5 dBm
Maximum
-8 dBm
0 dBm
0 dBm
BOL power output1
Minimum
-
-4 dBm
-4 dBm
Typical
-
-2.5 dBm
-2.5 dBm
Maximum
-
-1 dBm
-1 dBm
TX operating wavelength
Minimum
1261 nm
1263 nm
1480 nm
Typical
-
1310 nm
1550 nm
Maximum
1360 nm
1360 nm
1580 nm
Spectral width2 (rms)
Typical
-
-
0.3 nm
Maximum
4 nm
3 nm
1 nm
Side mode suppression ratio3 (DFB laser)
Minimum
-
-
30 dB
Extinction ratio4 (BOL)
Minimum
-
11.0 dB
11.0 dB
Typical
-
12.0 dB
12.0 dB
Maximum
-
14.0 dB
14.0 dB
Extinction ratio4 (EOL)
Minimum
8.2 dB
10.0 dB
10.0 dB
Optical rise and fall times (20 to 80%)
Maximum
2200 ps
300 ps
300 ps
Eye mask of optical output
Compliant with Bellcore TR-NWT-000253
Eye mask margin5 (filtered)
Minimum
-
25%
25%
Operating receiver wavelength
Minimum
1265 nm
1260 nm
1260 nm
Maximum
1625 nm
1620 nm
1620 nm
Jitter generation (peak-to-peak)6
Maximum
-
30 mUIP-P
30 mUIP-P
Jitter generation (rms)6
Maximum
-
3 mUIrms
3 mUIrms
Power output with transmitter disabled
Typical
-
-50 dBm
-
Maximum
-
-40 dBm
-40 dBm
Receiver sensitivity
Minimum
-
-36 dBm
-36 dBm
(BOL, BER=1 x 10-10, ER=12 dB)
Typical
-
-37 dBm
-37 dBm
Receiver sensitivity (EOL, BER=1 x 10-10, ER=10 dB)
Minimum
-28 dBm
-34 dBm
-34 dBm
Maximum received optical power
Minimum
-8 dBm
-10 dBm
-10 dBm
Link status response time
Minimum
3 µs
3 µs
3 µs
Typical
50 µs
50 µs
50 µs
Maximum
100 µs
100 µs
100 µs
Optical path penalty
Maximum
1 dB
1 dB
1 dB
Dispersion
Maximum
-
246 ps/nm
-
Receiver reflectance
Maximum
-
-
-25 dB
Minimum optical return loss
Minimum
-
-
-24 dB
BER floor
Maximum
10-15
10-15
10-15
Reflect into Tx for <1 dB degradation at the receiver
Maximum
-
-
-24 dB
Standard case temperature
-5 to 75 °C
-5 to 75 °C
-5 to 75 °C
Extended case temperature
-40 to 85 °C
-40 to 85 °C
-40 to 85 °C
Bit rate
155 Mb/s
155 Mb/s
155 Mb/s
1. Measured as fiber coupled power into a standard single mode fiber, typical connector repeatability is ±1 dB. LC duplex cables manufactured by Stratos are not recommended due
to a potentially larger window of repeatability.
2. Full spectral width measured 20 dB down from the central wavelength peak under fully modulated conditions.
3. Ratio of the average output power in the dominant longitudinal mode to the power in the most significant side mode in fully modulated conditions.
4. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions with a PRBS 23 data pattern.
5. GR-253-CORE, ITU-T, Recommendation G.957. Tested at STM1, STM4, STM16.
6. Formatted OC-3 pattern with scrambled PRBS payload using an Agilent OmniBer as the optical source driving the CT2 optical receiver. The differential data outputs of this
optical receiver are used as the electrical inputs for the CT2 transmitter which optically drives the OmniBer receiver input to complete the jitter test circuit. This is a 60 second test
as recommended in GR-253.


Similar Part No. - CT2-LL2MATD51C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
List of Unclassifed Man...
CT2-A30/L ETC-CT2-A30/L Datasheet
348Kb / 1P
   Electronic timer relay
More results

Similar Description - CT2-LL2MATD51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-PI1LATD31C JDSU-CT2-PI1LATD31C Datasheet
205Kb / 8P
   OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
CT2-MS1LATD31C JDSU-CT2-MS1LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-3720G OPTOWAY-SPB-3720G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
SPB-3740G OPTOWAY-SPB-3740G Datasheet
171Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com