Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT16244 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16244
Description  16-BIT FET BUS SWITCHES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16244 Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBT16244 Datasheet HTML 1Page - Texas Instruments SN74CBT16244 Datasheet HTML 2Page - Texas Instruments SN74CBT16244 Datasheet HTML 3Page - Texas Instruments SN74CBT16244 Datasheet HTML 4Page - Texas Instruments SN74CBT16244 Datasheet HTML 5Page - Texas Instruments SN74CBT16244 Datasheet HTML 6Page - Texas Instruments SN74CBT16244 Datasheet HTML 7Page - Texas Instruments SN74CBT16244 Datasheet HTML 8Page - Texas Instruments SN74CBT16244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN54CBT16244, SN74CBT16244
16-BIT FET BUS SWITCHES
SCDS031I – MAY 1996 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
0 V
Input
3 V
3.5 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74CBT16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16244 TI-SN74CBT16244 Datasheet
235Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244CDGG TI-SN74CBT16244CDGG Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244CDGG TI-SN74CBT16244CDGG Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244_07 Datasheet
235Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com