Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT8373ANT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74BCT8373ANT
Description  SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT8373ANT Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT8373ANT Datasheet HTML 1Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 2Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 3Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 4Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 5Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 6Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 7Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 8Page - Texas Instruments SN74BCT8373ANT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN54BCT8373A, SN74BCT8373A
SCAN TEST DEVICES
WITH OCTAL D-TYPE LATCHES
SCBS044F – JUNE 1990 – REVISED JULY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
SCOPE
™ Family of Testability Products
D Octal Test-Integrated Circuits
D Functionally Equivalent to ’F373 and
’BCT373 in the Normal-Function Mode
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D Test Operation Synchronous to Test
Access Port (TAP)
D Implement Optional Test Reset Signal by
Recognizing a Double-High-Level Voltage
(10 V ) on TMS Pin
D SCOPE ™ Instruction Set
– IEEE Standard 1149.1-1990 Required
Instructions, Optional INTEST, CLAMP,
and HIGHZ
– Parallel Signature Analysis at Inputs
– Pseudo-Random Pattern Generation
From Outputs
– Sample Inputs / Toggle Outputs
D Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
and Ceramic 300-mil DIPs (JT, NT)
description
The ’BCT8373A scan test devices with octal
D-type latches are members of the Texas
Instruments
SCOPE
™ testability integrated-
circuit family. This family of devices supports IEEE
Standard 1149.1-1990 boundary scan to facilitate
testing of complex circuit board assemblies. Scan
access to the test circuitry is accomplished via the
4-wire test access port (TAP) interface.
In the normal mode, these devices are functionally equivalent to the ’F373 and ’BCT373 octal D-type latches.
The test circuitry can be activated by the TAP to take snapshot samples of the data appearing at the device
terminals or to perform a self test on the boundary test cells. Activating the TAP in normal mode does not affect
the functional operation of the SCOPE
™ octal latches.
In the test mode, the normal operation of the SCOPE
™ octal latches is inhibited and the test circuitry is enabled
to observe and control the I/O boundary of the device. When enabled, the test circuitry can perform boundary
scan test operations, as described in IEEE Standard 1149.1-1990.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
SCOPE is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LE
1Q
2Q
3Q
4Q
GND
5Q
6Q
7Q
8Q
TDO
TMS
OE
1D
2D
3D
4D
5D
VCC
6D
7D
8D
TDI
TCK
SN54BCT8373A . . . JT PACKAGE
SN74BCT8373A ... DW OR NT PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
8D
TDI
TCK
NC
TMS
TDO
8Q
2D
1D
OE
NC
LE
1Q
2Q
426
14 15 16 17 18
SN54BCT8373A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74BCT8373ANT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT8373 TI1-SN74BCT8373 Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN74BCT8373DW TI1-SN74BCT8373DW Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN74BCT8373DWR TI1-SN74BCT8373DWR Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN74BCT8373NT TI1-SN74BCT8373NT Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
More results

Similar Description - SN74BCT8373ANT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT8373 TI1-SN74BCT8373 Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN54BCT8244A TI-SN54BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_07 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_08 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8374A TI-SN54BCT8374A Datasheet
474Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54BCT8374A TI-SN54BCT8374A_08 Datasheet
644Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8240A TI-SN54BCT8240A Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL INVERTING BUFFERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com