Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7603-1207-390M Datasheet(PDF) 9 Page - ETAL Group

Part # P7603-1207-390M
Description  SHIELDED POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7603-1207-390M Datasheet(HTML) 9 Page - ETAL Group

Back Button P7603-1207-390M Datasheet HTML 3Page - ETAL Group P7603-1207-390M Datasheet HTML 4Page - ETAL Group P7603-1207-390M Datasheet HTML 5Page - ETAL Group P7603-1207-390M Datasheet HTML 6Page - ETAL Group P7603-1207-390M Datasheet HTML 7Page - ETAL Group P7603-1207-390M Datasheet HTML 8Page - ETAL Group P7603-1207-390M Datasheet HTML 9Page - ETAL Group P7603-1207-390M Datasheet HTML 10Page - ETAL Group P7603-1207-390M Datasheet HTML 11Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P7603
ETALDOC 832/5
Page 9 of 11
November 2005
1207 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
Rated Current IDC (A)
(2)
P7603-1207-1R2Y
1.2±30%
7.0
9.8
P7603-1207-2R7Y
2.7±30%
11.5
8.0
P7603-1207-3R9Y
3.9±30%
13.5
7.5
P7603-1207-4R7Y
4.7±30%
15.8
6.8
P7603-1207-5R6Y
5.6±30%
17.6
6.6
P7603-1207-7R6Y
7.6±30%
20.0
5.9
P7603-1207-100M
10±20%
21.6
5.4
P7603-1207-120M
12±20%
24.3
4.9
P7603-1207-150M
15±20%
27.0
4.5
P7603-1207-180M
18±20%
39.2
3.9
P7603-1207-220M
22±20%
43.2
3.6
P7603-1207-270M
27±20%
45.9
3.4
P7603-1207-330M
33±20%
64.8
3.0
P7603-1207-390M
39±20%
72.9
2.7
P7603-1207-470M
47±20%
100
2.5
P7603-1207-560L
56±15%
110
2.3
P7603-1207-680L
68±15%
140
2.1
P7603-1207-820L
82±15%
160
1.9
P7603-1207-101L
100±15%
220
1.7
P7603-1207-121L
120±15%
250
1.6
P7603-1207-151L
150±15%
280
1.4
P7603-1207-181K
180±10%
350
1.3
P7603-1207-221K
220±10%
390
1.1
P7603-1207-271K
270±10%
560
1.0
P7603-1207-331K
330±10%
640
0.95
P7603-1207-391K
390±10%
700
0.88
P7603-1207-471K
470±10%
980
0.79
P7603-1207-561K
560±10%
1070
0.73
P7603-1207-681K
680±10%
1460
0.67
P7603-1207-821K
820±10%
1640
0.60
P7603-1207-102K
1000±10%
1820
0.55
Notes
1. Inductance measured at 1kHz, 1V (<10µH, 100kHz).
2. Rated current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 20%, whichever current is less.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7603-1207-390M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7603-1207-390M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com