Electronic Components Datasheet Search |
|
CT2-MI2LDCW61C Datasheet(PDF) 7 Page - JDS Uniphase Corporation |
|
CT2-MI2LDCW61C Datasheet(HTML) 7 Page - JDS Uniphase Corporation |
7 / 8 page 7 2.5 GB/S CWDM SFP TRANSCEIVER Optical Specifications Parameter 40 km (PIN) at OC-48 80 km (APD) at OC-48 Average output power1 Minimum 0 dBm 0 dBm Typical 1.5 dBm 1.5 dBm Maximum 4 dBm 4 dBm BOL power output1 Minimum 0.5 dBm 0.5 dBm Typical 1.5 dBm 1.5 dBm Maximum 3 dBm 3 dBm TX operating wavelength Minimum -6.5 nm -6.5 nm Typical Center Center Maximum 6.5 nm 6.5 nm Spectral width2 Typical 0.3 nm 0.3 nm Maximum 1 nm 1 nm Side mode suppression ratio (DFB laser)3 Minimum 30 dB 30 dB Extinction ratio4 (BOL) Minimum 9.0 dB 9 dB Typical 10.0 dB 10 dB Maximum 11.5 dB 11.5 dB Extinction ratio4 (EOL) Minimum 8.2 dB 8.2 dB Maximum 12.0 dB 12.0 dB Optical rise and fall times (20 to 80%)5 Maximum 200 ps 200 ps Eye mask of optical output Compliant with GR-253 Compliant with GR-253 and ITU-T G.957 and ITU-T G.957 Eye mask margin (filtered) Minimum 10% 10% Typical 15% 15% Jitter generation (peak-to-peak)6 Maximum 70 mUIP-P 70 mUIP-P Jitter generation (rms)6 Maximum 7 mUIrms 7 mUIrms Power output with transmitter disabled Typical -50 dBm -50 dBm Maximum -40 dBm -40 dBm Receiver sensitivity (BOL, BER=1 x 10-10, ER=10 dB) Minimum -21 dBm -30 dBm Typical -23 dBm -32 dBm Receiver sensitivity (EOL, BER=1 x 10-10, ER=8.2 dB) Minimum -18 dBm -28 dBm Maximum received optical power Minimum 0 dBm -8 dBm Link status response time Minimum 3 µs 3 µs Typical 50 µs 50 µs Maximum 100 µs 100 µs Optical path penalty Maximum 1.5 dB 2.5 dB Dispersion Maximum 1000 ps/nm 1600 ps/nm Receiver reflectance Maximum -27 dB -27 dB Minimum optical return loss Minimum -24 dB -24 dB BER floor Maximum 10-15 10-15 Reflect into Tx for <1 dB degradation at the receiver Maximum -24 dB -24 dB Bit rate 155 to 2700 Mb/s 155 to 2700 Mb/s 1. Fiber coupled power, connector repeatability is ±1 dB. 2. Full spectral width measured 20 dB down from the central wavelength peak under fully modulated conditions (for DFB lasers). 3. Ratio of the average output power in the dominant longitudinal mode to the power in the most significant side mode under fully modulated conditions. 4. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions. When operated at data rates below 1 Gb/s, the maximum extinction ratio specification is increased by 2 dB. 5. Using an unfiltered measurement. 6. Formatted OC-48 pattern with scrambled PRBS 23 payload using Agilent Omni BER as the optical source driving an external OC-48 optical receiver with CDR. The differential data outputs of this optical receiver with CDR. The differential dataoutputs of this optical receiver are used as the electrical inputs for the CT2 transmitter which optically drives the Omni BER receiver input. |
Similar Part No. - CT2-MI2LDCW61C |
|
Similar Description - CT2-MI2LDCW61C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |