Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-MI2LBCW61C Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # CT2-MI2LBCW61C
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MI2LBCW61C Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  CT2-MI2LBCW61C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MI2LBCW61C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10143066 Rev. 003 05/06 CT2OC48CWDM.DS.CMS.AE
8
2.5 GB/S CWDM SFP TRANSCEIVER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: CT2-MI2LBCW13C2
Code
Custom Options
(Output Power/
Dispersion/Channel
Spacing)3
CStandard
Code
Hardware Revision
1
Hardware revision 1,
long haul wide body
2
Hardware revision 2,
short haul wide body
3
Hardware revision 3,
narrow body high
desity bail latch
4
Hardware revision 4,
narrow body top-down
bail latch
1. Fully G.695 compliant at 2.5 Gb/s
2. Per GR-253-Core
3. Customer specific options
available upon request
Code
Format/ITU Channel/
Wavelength
CW1
CWDM Channel 1 (1471 nm)
CW2
CWDM Channel 2 (1491 nm)
CW3
CWDM Channel 3 (1511 nm)
CW4
CWDM Channel 4 (1531 nm)
CW5
CWDM Channel 5 (1551 nm)
CW6
CWDM Channel 6 (1571 nm)
CW7
CWDM Channel 7 (1591 nm)
CW8
CWDM Channel 8 (1611 nm)
Code
Software Feature Set
1
Software release 1, long haul
3
Software release 3, short haul
Y
Standard TX fault operation,
no DDM interface,page
AO only
Code
Connector/
Pigtail Length
LLC duplex
Code
Temperature Range/
Package
A0 to 70 °C case temperature
B-5 to 75 °C case temperature
D-5 to 80 °C case temperature
F-5 to 85 °C case temperature
Code
Rate
M2.5 Gb/s (multirate)1
Code
Reach2
I2
Short haul (40 km, PIN)
L2
Long haul (80 km, APD)
CT2- M
L
2


Similar Part No. - CT2-MI2LBCW61C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MI2LBTD31C JDSU-CT2-MI2LBTD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD33C JDSU-CT2-MI2LBTD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD51C JDSU-CT2-MI2LBTD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD53C JDSU-CT2-MI2LBTD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-MI2LBCW61C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com