Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFF-SP60 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # AFF-SP60
Description  Attenuator, Fused Fiber
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

AFF-SP60 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  AFF-SP60 Datasheet HTML 1Page - JDS Uniphase Corporation AFF-SP60 Datasheet HTML 2Page - JDS Uniphase Corporation AFF-SP60 Datasheet HTML 3Page - JDS Uniphase Corporation AFF-SP60 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
LC is a registered trademarks of Lucent Technologies.
SMF-28 is a registered trademarks of Corning Incorporated.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: AFF-CK30AB110
ATTENUATOR, FUSED FIBER
Code
Housing
3Regular
4
Ø 0.9 mm slim
5
Ø 0.9 mm semi-ruggedized
6
Ø 0.3 mm fully-ruggedized
Code
Configuration
01 x 1
Code
Grade
AA grade
BB grade
Code
Device Type
B
Broadband
Code
Passband
Wavelength
1
C+L band
C
C band
L
L band
SS band
Code
Attenuation
1
20 dB
2
17 dB
3
15 dB
5
13 dB
A
10 dB
C7 dB
E5 dB
H4 dB
K3 dB
P2 dB
R1 dB
AFF-
Code
Fiber Type
1
Corning SMF-28 (telecoms)
Code
Pigtail Length (Minimum)
0
0.5 meter
11 meter
Code
Connector
0
No connector
1FC/PC
3
FC/APC
5
SC/APC
9
FC/UPC
A
SC/UPC
BLC1
1. Not available for housing option 6.
0B
1
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 10143018 Rev. 002 10/05 AFF.DS.CC.AE
March 2007


Similar Part No. - AFF-SP60

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
AFF-20A-250 MERRIMAC-AFF-20A-250 Datasheet
101Kb / 1P
   ELECTRONIC ATTENUATOR
More results

Similar Description - AFF-SP60

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
Lightel Technologies IN...
FA-XX-1-B-0 LIGHTEL-FA-XX-1-B-0 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
   Fused and non-fused HVAC disconnects
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
OPLINK Communications I...
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
   Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
   Fused Single-Mode WDM
logo
CamdenBoss Ltd.
CFTBN CAMDENBOSS-CFTBN Datasheet
337Kb / 1P
   5x20mm Fused Terminal Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com