Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL-KP1-00-000-02 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # PL-KP1-00-000-02
Description  Small Form Factor Pluggable Solder-Down Cage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PL-KP1-00-000-02 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  PL-KP1-00-000-02 Datasheet HTML 1Page - JDS Uniphase Corporation PL-KP1-00-000-02 Datasheet HTML 2Page - JDS Uniphase Corporation PL-KP1-00-000-02 Datasheet HTML 3Page - JDS Uniphase Corporation PL-KP1-00-000-02 Datasheet HTML 4Page - JDS Uniphase Corporation PL-KP1-00-000-02 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SMALL FORM FACTOR PLUGGABLE SOLDER-DOWN CAGE
9.68
.381
48.67
1.916
14.61
.575
PL-KP1-00-000-02 Features
The PL-KP1-00-000-02 solder-down cage accommodates all MSA-compliant SFP
transceivers, and is ideally suited for application on printed wiring board (PWB) with a
minimum thickness of 0.062 inches.
• RoHS compliant and lead-free
• Supports MSA compliant board
layout and hole sizes
• Interoperable with all MSA
compliant transceivers
• Tested for insertion force and retention
• Robust manufacturing process
• Sturdy construction
• Hardened spring tempered alloy
• Excellent memory characteristics
• Utilizes common manufacturing
solder processes
• FCC Class B compliant
• 360 degree EMI finger contacts


Similar Part No. - PL-KP1-00-000-02

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
More results

Similar Description - PL-KP1-00-000-02

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-05 JDSU-PL-KP2-00-000-05 Datasheet
322Kb / 8P
   Small Form Factor Pluggable Press-Fit Cage
logo
Infineon Technologies A...
V23818-S5-B2 INFINEON-V23818-S5-B2 Datasheet
132Kb / 3P
   SFP - Small Form-factor Pluggable Cage Dust Plug
2003-05-09
logo
TE Connectivity Ltd
408-32212 TEC-408-32212 Datasheet
333Kb / 4P
   Small Form-Factor Pluggable Cage Assembly Seating Tool
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com