Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-MI2LDCW51C Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # CT2-MI2LDCW51C
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MI2LDCW51C Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  CT2-MI2LDCW51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MI2LDCW51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2.5 GB/S CWDM SFP TRANSCEIVER
CT2 Electrical Pad Layout
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VeeT
VeeT
VeeR
VeeR
VccR
VccT
TD-
TD+
RD+
RD-
VeeT
VeeR
VeeR
LOS
Tx Fault
Tx Disable
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
Top of Board
Bottom of Board (As Viewed
through Top of Board)
Transceiver Pin Descriptions
Pin
Description
TD
Un-clocked, multirate, differential serial bit stream (155 Mb/s to 2.7 Gb/s) used to drive the optical transmitter.
TDb
Internally AC coupled and terminated via internal 100
Ω differential impedence.
RD
Differential received electrical signal capable of detecting 155 Mb/s to 2.7 Gb/s bit patterns.
RDb
The differential pair is internally biased and AC coupled. This signal requires 100
Ω external differential termination.
Rate_select
Internally monitored and available for future use. Can be customized for specific applications.
TxDIS
Transmitter Disable Input. A logic HIGH on this input pin disables the transmitter's laser so that there is no optical
output. If left open the transmitter will be disabled.
LOS
Loss of Signal (Open Collector). A logic HIGH on this output indicates an incoming signal level that is less than -25 dBm
but no greater than -31 dBm for the 40 km configuration and less than -34 dBm but no greater than -40 dBm for the
80 km configuration. LOS shall deassert (logic LOW) when a 3 dB (maximum), 0.5 dB (minimum) hysteresis is obtained.
Tx_fault
Transmitter fault (Open collector). A logic HIGH indicates that the transmitter is in a fault condition.
MOD_DEF(0)
MOD_DEF(0) is internally grounded to indicate the presence of the module. Must be pulled-up on host board with
10 K
Ω resistor.
MOD_DEF(1)
MOD_DEF(1) is the clock of the 2 wire interface for module monitoring.
MOD_DEF(2)
MOD_DEF(2) is the data line of the 2 wire interface for module monitoring.
VccR,VccT
Receiver, Transmitter power supply, respectively
VeeR, VeeT
Receiver, Transmitter ground, respectively. The chassis ground and circuit ground isolation is configurable.


Similar Part No. - CT2-MI2LDCW51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MI2LATD31C JDSU-CT2-MI2LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LATD33C JDSU-CT2-MI2LATD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LATD51C JDSU-CT2-MI2LATD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LATD53C JDSU-CT2-MI2LATD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD31C JDSU-CT2-MI2LBTD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-MI2LDCW51C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com