Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R4000 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # R4000
Description  HIGH VOLTAGE SILICON RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

R4000 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  R4000 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
R4000 THRU R5000
HIGH VOLTAGE SILICON RECTIFIER
VOLTAGE:4000-5000V
CURRENT:0.2A
FEATURES
·Low cost
·Low leakage
·Low forward voltage drop
·High current capability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.38 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
R4000
R5000
units
Maximum Recurrent Peak Reverse Voltage
VRRM
4000
5000
V
Maximum RMS Voltage
VRMS
2800
3500
V
Maximum DC Blocking Voltage
VDC
4000
5000
V
Maximum Average Forward rectified Current
at TA=50°C
Io
0.2
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
30
A
Maximum Forward Voltage Drop per element at
0.2A DC
VF
5.0
V
@ TA=25°C
5.0
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@ TA=100°C
100
Maximum Full Load Reverse Current Average,
Full Cycle .375
”(9.5mm) lead length at T
L=75°C
IR
30
µA
Typical Junction Capacitance (Note)
CJ
30
pF
Notes:
Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-15
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
.140(3.6)
.104(2.6) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - R4000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R4000 RECTRON-R4000 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
SHENZHEN YONGERJIA INDU...
R4000 WINNERJOIN-R4000 Datasheet
152Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
R4000 GETEDZ-R4000 Datasheet
563Kb / 2P
   High Voltage Silicon Rectifier Diode
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
Shanghai Shunye Electro...
R4000 SHUNYE-R4000 Datasheet
232Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results

Similar Description - R4000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
   High Voltage Silicon Rectifier
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
   SILICON HIGH VOLTAGE RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R2500 DIOTECH-R2500 Datasheet
704Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com