Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIR-L30011B Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # CIR-L30011B
Description  Polarization-insensitive Circulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CIR-L30011B Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  CIR-L30011B Datasheet HTML 1Page - JDS Uniphase Corporation CIR-L30011B Datasheet HTML 2Page - JDS Uniphase Corporation CIR-L30011B Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
POLARIZATION-INSENSITIVE CIRCULATOR
Dimensions Diagram
(Specifications in mm unless otherwise noted.)
Ø 5.5±0.2
Port 1
Port 2
Port 3
±
Specifications
Parameter
C band
L band
C+L band
1310 nm band
Signal central wavelength
λC
1530 to 1570 nm
1570 to 1620 nm
1520 to 1620 nm
1295 to 1325 nm
Insertion loss (over temperature
Maximum
0.6 dB
0.6 dB
0.9 dB
0.9 dB
and wavelength, SOP)
Peak isolation
55 dB
Isolation (over temperature
Minimum
35 dB
35 dB
28 dB
28 dB
and wavelength range, SOP)
Temperature dependent loss
Typical
0.05 dB
Directivity (Port 1
→3, Port 3→1)
Minimum
50 dB
Polarization dependent loss
Typical
0.05 dB
Maximum
0.12 dB
Polarization mode dispersion
Typical
0.05 ps
Maximum
0.1 ps
Optical return loss (all ports)
Minimum
50 dB
Operating temperature
0 to 60°C
Storage temperature
-40 to 85°C
Input optical power
Maximum
500 mW
Tensile load
Maximum
5 N
Package dimensions (D x L)
5.5±0.1 x 47±2 mm
Device marking
JDSU logo, JDSU model name and device serial number
Fiber color code
Input port 1: black; input port 2 and output port 3: natural


Similar Part No. - CIR-L30011B

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
CIR2272 SILVAN-CIR2272 Datasheet
441Kb / 2P
   Wireless remote control decoding circuit
CIR2272GM SILVAN-CIR2272GM Datasheet
441Kb / 2P
   Wireless remote control decoding circuit
logo
SMSC Corporation
CIRCC SMSC-CIRCC Datasheet
310Kb / 70P
   Consumer Infrared Communications Controller
logo
MKS Instruments.
CIRRUS3 MKS-CIRRUS3 Datasheet
235Kb / 4P
   POWERFUL AND VERSATILE ATMOSPHERIC GAS ANALYSIS
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results

Similar Description - CIR-L30011B

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOC131004PO1H1 OPLINK-MIOC131004PO1H1 Datasheet
292Kb / 2P
   Mini 4-Port Polarization Insensitive Optical Circulator
MIOC4ECO-S0329 OPLINK-MIOC4ECO-S0329 Datasheet
168Kb / 2P
   Eco Series 4-Port Polarization Insensitive Miniature Optical Circulator
MIOCG5ECO041111 OPLINK-MIOCG5ECO041111 Datasheet
114Kb / 2P
   Eco Series 4-Port Polarization Insensitive Miniature Optical Circulator
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OISA OPLINK-OISA Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com