Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7614-1004-R20M Datasheet(PDF) 9 Page - ETAL Group

Part # P7614-1004-R20M
Description  HIGH POWER INDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7614-1004-R20M Datasheet(HTML) 9 Page - ETAL Group

  P7614-1004-R20M Datasheet HTML 1Page - ETAL Group P7614-1004-R20M Datasheet HTML 2Page - ETAL Group P7614-1004-R20M Datasheet HTML 3Page - ETAL Group P7614-1004-R20M Datasheet HTML 4Page - ETAL Group P7614-1004-R20M Datasheet HTML 5Page - ETAL Group P7614-1004-R20M Datasheet HTML 6Page - ETAL Group P7614-1004-R20M Datasheet HTML 7Page - ETAL Group P7614-1004-R20M Datasheet HTML 8Page - ETAL Group P7614-1004-R20M Datasheet HTML 9Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
P7614
ETALDOC 861/5
Page 9 of 9
July 2007
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-15ºC to
+40ºC
Operating temperature
-55ºC to
+125ºC
Continuous
component
body
temperature (1,000,000 hours)
+100ºC
Soldering temperature profile peak
260ºC 10s
P7614-
-
MT
Tape and Reel
Tolerance: (±20%)
Inductance code
Size:
(0602,
0603,
0604,
0605,
0905,
1004,
1005, 1203, 1205 or
1307)
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033 procedure for components classified
as IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001


Similar Part No. - P7614-1004-R20M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7614 ETAL-P7614 Datasheet
539Kb / 9P
   HIGH POWER INDUCTOR
More results

Similar Description - P7614-1004-R20M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7601 ETAL-P7601 Datasheet
130Kb / 3P
   HIGH POWER INDUCTOR
P7614 ETAL-P7614 Datasheet
539Kb / 9P
   HIGH POWER INDUCTOR
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7612 ETAL-P7612 Datasheet
109Kb / 3P
   HIGH POWER INDUCTOR
P7611 ETAL-P7611 Datasheet
105Kb / 3P
   HIGH POWER INDUCTOR
P7608 ETAL-P7608 Datasheet
110Kb / 3P
   HIGH POWER INDUCTOR
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
   Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1040 CODACA-CSBL1040 Datasheet
879Kb / 5P
   High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
   High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
   High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com