Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2-MS1LBTD31C Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # CT2-MS1LBTD31C
Description  OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MS1LBTD31C Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  CT2-MS1LBTD31C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MS1LBTD31C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
OC-48 SFP TRANSCEIVER
Dimensions Diagram
(Specifications in mm unless otherwise noted; see dimensions table on next page.)
A
A
D
K REF
J MIN
F REF
F REF
M
C
P
N
Section A-A
L MIN X 45°
Y MAX
B
G REF
H MAX
R MAX
Q
S
T
U
W
Y MAX
X REF
V
See Detail Y
Detail Y
Z
Z
AG
AF
AE REF
Section Z-Z
AA REF
AB MAX
Z
A


Similar Part No. - CT2-MS1LBTD31C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-M20 NAIS-CT2-M20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-M30 NAIS-CT2-M30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-M34 NAIS-CT2-M34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-M40 NAIS-CT2-M40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-MC20 NAIS-CT2-MC20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
More results

Similar Description - CT2-MS1LBTD31C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-PI1LATD31C JDSU-CT2-PI1LATD31C Datasheet
205Kb / 8P
   OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com