Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAB1562-22SC4 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # OAB1562-22SC4
Description  Benchtop Erbium-Doped Fiber Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OAB1562-22SC4 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  OAB1562-22SC4 Datasheet HTML 1Page - JDS Uniphase Corporation OAB1562-22SC4 Datasheet HTML 2Page - JDS Uniphase Corporation OAB1562-22SC4 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Sample: OAB1552+20FP0
OAB
+ 2
Code
Characteristics
0
unflattened
2
Gain flattened
DWDM (available for OAB1596
and OAB1598)
Code
Description
1552
C-band Booster high power
1592
L-band Booster high power
1596
L-band Mid-span access DWDM
1598
L-band Booster DWDM
1562
C+L-band Booster
1564
C+L-band In-Line
Code
Output Power
0
Standard output power
4
Booster high output power,
22 dBm (available for OAB1592)
6
Booster high output power,
24 dBm (available for OAB1552)
Code
Connector
Type
FP
FC/PC
FA
FC/APC
SC
SC/PC
SU
SC/APC
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
sales@jdsu.com.
Standard Accessories
Part Number
Description
ED000899-A-00 Standard 19-inch rackmount kit
Optional Accessories
Part Number
Description
ED000899-A-01 Rackmount kit (Japan)
BENCHTOP ERBIUM-DOPED FIBER AMPLIFIER
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10109630 Rev. 007 10/06
NORTH AMERICA
TOLL FREE
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
WEBSITE
: www.jdsu.com


Similar Part No. - OAB1562-22SC4

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OAB13372 ORIONFANS-OAB13372 Datasheet
5Mb / 8P
   AC & EC FANS
OAB13391 ORIONFANS-OAB13391 Datasheet
5Mb / 8P
   AC & EC FANS
OAB18055 ORIONFANS-OAB18055 Datasheet
5Mb / 8P
   AC & EC FANS
OAB190 ORIONFANS-OAB190 Datasheet
93Kb / 1P
   Motorized Impeller 190 x 70mm (7.5??x 2.8??
OAB190 ORIONFANS-OAB190 Datasheet
5Mb / 8P
   AC & EC FANS
More results

Similar Description - OAB1562-22SC4

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com