Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDX-08UXC001A Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # MDX-08UXC001A
Description  Outside Plant CWDM Universal Multiplexer Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-08UXC001A Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  MDX-08UXC001A Datasheet HTML 1Page - JDS Uniphase Corporation MDX-08UXC001A Datasheet HTML 2Page - JDS Uniphase Corporation MDX-08UXC001A Datasheet HTML 3Page - JDS Uniphase Corporation MDX-08UXC001A Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
OUTSIDE PLANT CWDM UNIVERSAL MULTIPLEXER MODULE
Functional Diagram:
4-Channel OSP CWDM UMUX
MON
COM
1531 nm In/Out
1511 nm In/Out
1491 nm In/Out
1471 nm In/Out
1310 nm
In/Out
Functional Diagram:
8-Channel OSP CWDM UMUX
1310 nm
In/Out
1471 nm In/Out
1491 nm In/Out
1511 nm In/Out
1531 nm In/Out
1551 nm In/Out
1571 nm In/Out
1591 nm In/Out
1611 nm In/Out
COM
MON
Sample Configuration:
Point-to-Point Transport
CO
RT


Similar Part No. - MDX-08UXC001A

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-08DXC001A JDSU-MDX-08DXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
MDX-08MD1018B JDSU-MDX-08MD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
MDX-08MD1019B JDSU-MDX-08MD1019B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
MDX-08MD1020B JDSU-MDX-08MD1020B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
MDX-08MD1021B JDSU-MDX-08MD1021B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
More results

Similar Description - MDX-08UXC001A

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
   Outside Plant CWDM Optical Drop Module
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
Belden Inc.
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
   Multi-Conductor - Category 6A Outside Plant Cable
logo
List of Unclassifed Man...
7997A ETC2-7997A Datasheet
108Kb / 3P
   Category 5e Nonbonded-Pair Outside Plant Cable
logo
Lineage Power Corporati...
SPS LINEAGEPOWER-SPS Datasheet
2Mb / 12P
   48V DC Outside Plant and Customer Premise Solution
logo
List of Unclassifed Man...
EGBB2 ETC2-EGBB2 Datasheet
763Kb / 6P
   Outside Plant Products COMLINE OSP Wall -Mount Cabine t Package and Accessories
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
PANDUIT CORP.
FSWNXXX PANDUIT-FSWNXXX Datasheet
179Kb / 2P
   outside plant single armor-single jacket cable with up to 12 fiber sub-units
07-10-07
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com