Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV85C82 Datasheet(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # BZV85C82
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BZV85C82 Datasheet(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

  BZV85C82 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd BZV85C82 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd BZV85C82 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZV 85/C 91
91
2.7
85
…96
250
3000
0.25
0.5
68
0.07
…0.10
BZV 85/C 100
100
2.7
94
…106
350
3000
0.25
0.5
75
0.07
…0.11
BZV 85/C 110
110
2.7
104
…116
450
4000
0.25
0.5
82
0.07
…0.11
BZV 85/C 120
120
2
114
…127
550
4500
0.25
0.5
91
0.07
…0.11
BZV 85/C 130
130
2
124
…141
700
5000
0.25
0.5
100
0.07
…0.11
BZV 85/C 150
150
2
138
…156
1000
6000
0.25
0.5
110
0.07
…0.11
BZV 85/C 160
160
1.5
153
…171
1100
6500
0.25
0.5
120
0.07
…0.11
BZV 85/C 180
180
1.5
168
…191
1200
7000
0.25
0.5
130
0.07
…0.11
BZV 85/C 200
200
1.5
188
…212
1500
8000
0.25
0.5
150
0.07
…0.11
BZV 85/C 220
220
1
218
…232
1600
9000
0.25
0.5
170
0.07
…0.11
1) Tested with pulses tp=20 ms.
2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm form case.
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - BZV85C82

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZV85C82 GOOD-ARK-BZV85C82 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - BZV85C82

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com