Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7603-0704-681M Datasheet(PDF) 6 Page - ETAL Group

Part # P7603-0704-681M
Description  SHIELDED POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7603-0704-681M Datasheet(HTML) 6 Page - ETAL Group

Back Button P7603-0704-681M Datasheet HTML 2Page - ETAL Group P7603-0704-681M Datasheet HTML 3Page - ETAL Group P7603-0704-681M Datasheet HTML 4Page - ETAL Group P7603-0704-681M Datasheet HTML 5Page - ETAL Group P7603-0704-681M Datasheet HTML 6Page - ETAL Group P7603-0704-681M Datasheet HTML 7Page - ETAL Group P7603-0704-681M Datasheet HTML 8Page - ETAL Group P7603-0704-681M Datasheet HTML 9Page - ETAL Group P7603-0704-681M Datasheet HTML 10Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P7603
ETALDOC 832/5
Page 6 of 11
November 2005
1203 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
Rated Current IDC (A)
(2)
P7603-1203-1R5M
1.5±20%
13
7.8
P7603-1203-2R2
2.2±20%
15
6.8
P7603-1203-3R9
3.9±20%
26
5.5
P7603-1203-5R6M
5.6±20%
32
4.8
P7603-1203-8R2M
8.2±20%
45
4.1
P7603-1203-100M
10±20%
50
3.9
P7603-1203-120M
12±20%
60
3.5
P7603-1203-150M
15±20%
80
3.0
P7603-1203-180M
18±20%
100
2.7
P7603-1203-220M
22±20%
110
2.5
P7603-1203-270M
27±20%
130
2.2
P7603-1203-330M
33±20%
160
2.1
P7603-1203-390M
39±20%
180
2.0
P7603-1203-470M
47±20%
220
1.8
P7603-1203-560M
56±20%
260
1.6
P7603-1203-680M
68±20%
310
1.5
P7603-1203-820M
82±20%
360
1.4
P7603-1203-101M
100±20%
400
1.3
P7603-1203-121M
120±20%
530
1.1
P7603-1203-151M
150±20%
610
1.0
P7603-1203-181M
180±20%
800
0.90
P7603-1203-221M
220±20%
970
0.85
P7603-1203-271M
270±20%
1200
0.75
P7603-1203-331M
330±20%
1350
0.70
Notes
1. Inductance measured at 1kHz, 1V.
2. Rated current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 20%, whichever current is less.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7603-0704-681M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7603-0704-681M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com