Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBS1590-2FA34 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # BBS1590-2FA34
Description  Benchtop Broadband Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

BBS1590-2FA34 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  BBS1590-2FA34 Datasheet HTML 1Page - JDS Uniphase Corporation BBS1590-2FA34 Datasheet HTML 2Page - JDS Uniphase Corporation BBS1590-2FA34 Datasheet HTML 3Page - JDS Uniphase Corporation BBS1590-2FA34 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Benchtop Broadband Source
BBS Series
Key Features
• Choice of wavelengths (C-band and L-band)
• Flattened output power spectrums
• High output power density
• High spectral stability
• Optional quad outputs
COMMUNICATIONS TEST & MEASUREMENT
Applications
• Optical component spectral tests
• Systems compliance tests
• Optical measurement systems
• Sensors and imaging
Safety Information
Complies to CE requirements plus
UL3101-1 and CAN/CSA-C22.2
No. 1010.1 Meets the requirements
of Class 3B in standard IEC
60825-1(2002) and complies with
21CFR1040.10 except deviations
per Laser Notice No. 50, July 2001.
The JDSU Benchtop BBS series provides a wide wavelength and high output
power source within the 1525 to 1610 nm window. Its superior performance is
achieved by pumping erbium-doped fiber to generate amplified spontaneous
emission combined with specialized optical filters to achieve optimal flatness
over its operating wavelength range.
Through optimization of spectral power density, spectral uniformity and
optical stability, the broadband source maximizes your capabilities of optical
component spectral measurements and systems compliance tests both in
manufacturing and research and development (R&D) environments.
The Benchtop models provide specialized variants and optical performance not
available in the Multiple Application Platform (MAP) product line. Additional
Benchtop BBS models are available in the MAP BBS cassette product line.
WEBSITE
: www.jdsu.com


Similar Part No. - BBS1590-2FA34

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BBS KEXIN-BBS Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
ETA-USA
BBS ETA-USA-BBS Datasheet
936Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
logo
Christian Bürkert GmbH ...
BBS-03 BURKERT-BBS-03 Datasheet
521Kb / 20P
   Fitting with welded connection according to DIN 11864-1 and BBS-Sterile contour
28.03.2024
BBS-03 BURKERT-BBS-03 Datasheet
455Kb / 9P
   Platinum-cured peroxide-free silicone hose
08.01.2024
More results

Similar Description - BBS1590-2FA34

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com