Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54BCT646 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54BCT646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54BCT646 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54BCT646 Datasheet HTML 3Page - Texas Instruments SN54BCT646 Datasheet HTML 4Page - Texas Instruments SN54BCT646 Datasheet HTML 5Page - Texas Instruments SN54BCT646 Datasheet HTML 6Page - Texas Instruments SN54BCT646 Datasheet HTML 7Page - Texas Instruments SN54BCT646 Datasheet HTML 8Page - Texas Instruments SN54BCT646 Datasheet HTML 9Page - Texas Instruments SN54BCT646 Datasheet HTML 10Page - Texas Instruments SN54BCT646 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN54BCT646, SN74BCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS037D − AUGUST 1989 − REVISED MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT646
SN74BCT646
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
83
83
83
MHz
tPLH
CLKBA or CLKAB
A or B
3.6
7
9.4
3.6
12.4
3.6
11.2
ns
tPHL
CLKBA or CLKAB
A or B
3.9
7
9.2
3.9
11.5
3.9
10.6
ns
tPLH
A or B
B or A
3.1
6
8.1
3.1
11.1
3.1
9.5
ns
tPHL
A or B
B or A
3.7
6.8
8.9
3.7
12.1
3.7
10.5
ns
tPLH
SAB or SBA†
A or B
4.5
8.8
11.2
4.5
15.2
4.5
13.8
ns
tPHL
SAB or SBA†
(with A or B high)
A or B
3.3
6
8.1
3.3
9.8
3.3
9.1
ns
tPLH
SAB or SBA†
A or B
3.9
7.7
10.2
3.9
13.3
3.9
12
ns
tPHL
SAB or SBA†
(with A or B low)
A or B
4.7
8.3
10.8
4.7
13.7
4.7
12.9
ns
tPZH
OE
A or B
4
7.9
10.7
4
14
4
13.2
ns
tPZL
OE
A or B
4.6
8.8
11.8
4.6
15.4
4.6
14.4
ns
tPHZ
OE
A or B
4
7.2
9.4
4
12
4
10.9
ns
tPLZ
OE
A or B
3.4
7
9.3
3.4
11.6
3.4
10.5
ns
tPZH
DIR
A or B
2.8
7.8
10.7
2.8
14
2.8
13.1
ns
tPZL
DIR
A or B
3.8
8.9
11.9
3.8
15.6
3.8
14.6
ns
tPHZ
DIR
A or B
3.8
8.4
10.7
3.8
13.2
3.8
12.6
ns
tPLZ
DIR
A or B
3.2
7.3
9.9
3.2
12.6
3.2
11.8
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.


Similar Part No. - SN54BCT646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT646 TI-SN54BCT646 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
509Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_08 Datasheet
509Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com