Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1C Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # ER1C
Description  SUPER FAST RECOVERY RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

ER1C Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  ER1C Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
ER1A THRU ER1J
SUPER FAST RECOVERY RECTIFIER
VOLTAGE:50-400V
CURRENT:1.0A
FEATURES
·High reliability
·Low leakage
·Low forward voltage
·High current capability
·Super fast switching speed
·High surge capability
·Good for switching mode circuit
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.093 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
ER1A
ER1B
ER1C
ER1D
ER1E
ER1J
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward rectified Current
at TA=55°C
Io
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
30
A
Maximum Instantaneous forward Voltage at 1.0A
DC
VF
0.95
1.25
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
5.0
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=75°C
IR
100
µA
Maximum Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
CJ
15
10
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
SMB(DO-214AA)
.155(3.94)
.130(3.30)
.083(2.11)
.075(1.91)
.185(4.70)
.160(4.06)
.012(0.305)
.006(0.152)
.220(5.59)
.200(5.08)
.008(0.203)
.002(0.051)
.096(2.44)
.084(2.13)
.060((1.52)
.030(0.76)
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - ER1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1C PANJIT-ER1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
SUNMATE electronic Co.,...
ER1C SUNMATE-ER1C Datasheet
277Kb / 2P
   1.0A Surface Mount Rectifier
logo
Shanghai Leiditech Elec...
ER1C LEIDITECH-ER1C Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Transys Electronics
ER1C TRSYS-ER1C Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shanghai Shunye Electro...
ER1C SHUNYE-ER1C Datasheet
259Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ER1C

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com