Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPS532S020 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # CDPS532S020
Description  Continuous Wave 532 nm Diode-Pumped Solid State Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CDPS532S020 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  CDPS532S020 Datasheet HTML 1Page - JDS Uniphase Corporation CDPS532S020 Datasheet HTML 2Page - JDS Uniphase Corporation CDPS532S020 Datasheet HTML 3Page - JDS Uniphase Corporation CDPS532S020 Datasheet HTML 4Page - JDS Uniphase Corporation CDPS532S020 Datasheet HTML 5Page - JDS Uniphase Corporation CDPS532S020 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CDPS532S
Dimensions Diagram: Laser Head
(Specifications in mm unless otherwise noted.)
BEAM IS POLARIZED
ORTHOGONAL TO MOUNTING
SURFACE
(>100:1) ± 5°
HEAT DISSIPATED FROM THIS SURFACE
15 PIN HIGH DENSITY
D-SUB CONNECTOR
CLEARANCE AND C'BORE FOR
4X #6-32 X 1.5 CAP SCREW
25.400
39.827
28.550
28.854
Ø 4.978
R1.588
14.427
3.175
69.850
76.200
19.050
28.550
4X Ø 4.039
2XR 1.600
4.750
4X 4.49 CHAM TYP


Similar Part No. - CDPS532S020

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M020 JDSU-CDPS532M020 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M050 JDSU-CDPS532M050 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
More results

Similar Description - CDPS532S020

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
   Blue Diode Pumped Solid State Laser
RLTMGL-593 ROITHNER-RLTMGL-593 Datasheet
196Kb / 5P
   Yellow Diode Pumped Solid State Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
   Red Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
   Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
   Green Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com