Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBC-3A0112 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # PBC-3A0112
Description  Polarization Beam Combiners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PBC-3A0112 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  PBC-3A0112 Datasheet HTML 1Page - JDS Uniphase Corporation PBC-3A0112 Datasheet HTML 2Page - JDS Uniphase Corporation PBC-3A0112 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2005 JDS Uniphase
Corporation. All rights reserved. 10113911 Rev. 003 10/05 PBC.DS.CC.AE
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: PBC-CP0711000
POLARIZATION BEAM COMBINERS
Code
Connector2 (Port 2)
0No connector
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
Code
Connector2 (Port 3)
0No connector
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
Code
Fiber Type (Ports 1 and 2)
1
SMF-28, 250 µm bare fiber1
7
400 µm Fujikura Panda PM fiber
Code
Fiber Type (Port 3)
1
SMF-28, 250 µm bare fiber1
3
400 µm Fujikura Panda PM fiber,
slow axis 45°
4
400 µm Fujikura Panda PM fiber,
slow axis aligned with port 1
5
400 µm Fujikura Panda PM fiber,
slow axis aligned with port 2
Code
Wavelength
C
1550 nm
3
1480 nm
4
1450 nm
6
1420 nm
Code
Grade
PPremium
AA Grade
PBC-
0
Code
Fiber Length
11 meter
22 meters
Code
Connector2 (Port 1)
0No connector
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
1. Connectors not available on 250 µm fiber.
2. Insertion loss, extinction ratio, and return loss depend on connector type.


Similar Part No. - PBC-3A0112

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBC-300-13.5-SC POWERBOX-PBC-300-13.5-SC Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBC-300-27-SC POWERBOX-PBC-300-27-SC Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results

Similar Description - PBC-3A0112

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
logo
KATHREIN Solutions GmbH
739655 KATHREIN-739655 Datasheet
116Kb / 2P
   Panel Dual Polarization Half-power Beam Width
logo
OPLINK Communications I...
PMIH OPLINK-PMIH Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
logo
KATHREIN Solutions GmbH
739494 KATHREIN-739494 Datasheet
72Kb / 2P
   F-Panel Dual Polarization Half-power Beam Width
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com