Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR104 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # BR104
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BR104 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  BR104 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BR1005 THRU BR1010
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE:50-1000V
CURRENT:10.0A
FEATURES
·Surge overload ratings-250 Amperes
·Low forward voltage drop
MECHANICAL DATA
·Case:Metal or plastic shell with plastic encapsulation
·Epoxy: UL 94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity: Symbols molded or marked on body
·Mounting: Thru hole for 6# screw
·Weight: 6.9 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL BR1005 BR101 BR102 BR104 BR106 BR108 BR1010
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average Forward rectified Output
Current at TC=75°C
Io
10
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
250
A
Maximum Forward Voltage Drop per element at
5.0A DC
VF
1.1
V
@ TA=25°C
10
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per element
@ TA=100°C
IR
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
166
A
2S
Typical Junction Capacitance (Note 1)
CJ
200
pF
Notes:
1.Measured at 1MHz and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and fromjunction to lead mounted on P.C.B. with
0.5
×0.5”(13×13mm) copper pads.
KBPC-8/10
HOLE FOR
NO. 6 SCREW
.296(7.5)
.255(6.5)
.052(1.3) DIA.
.048(1.2) TYP.
.750
(19.1) MIN.
.520(13.2)
.480(12.2)
.770(19.6)
.730(18.5)
.520(13.2)
.480(12.2)
.770(19.6)
.730(18.5)
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - BR104

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR104 RECTRON-BR104 Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BR104 PFS-BR104 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
BR104 SEMTECH-BR104 Datasheet
119Kb / 2P
   10A SINGLE - PHASE SILICON BRIDGE
logo
SHENZHEN YONGERJIA INDU...
BR104 WINNERJOIN-BR104 Datasheet
138Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
BR104 BYTES-BR104 Datasheet
145Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results

Similar Description - BR104

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com