Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJK-200AL100 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # BJK-200AL100
Description  BrightJack 4-slot Chassis, ANSI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

BJK-200AL100 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  BJK-200AL100 Datasheet HTML 1Page - JDS Uniphase Corporation BJK-200AL100 Datasheet HTML 2Page - JDS Uniphase Corporation BJK-200AL100 Datasheet HTML 3Page - JDS Uniphase Corporation BJK-200AL100 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BRIGHTJACK 200
1
This product should be deployed in accordance with your company’s deployment directives
2
Refer to Figure 2 BrightJack insertion loss
3
The DC power supply must be –48 V SELV output and certified by a nationally recognized test laboratory (NRTL). UL tested at –48 V
4
The Remote Loopback module (BJK-200LB02B) is a passive optical device with no applicable electrical connections or heat dissipation
3
Performance Specifications
1
Parameter
Min
Typical
Max
Optical Characteristics
Supported data rates
Any
Operating wavelength range
1310 nm wavelength
1260 nm
1310 nm
1360 nm
1550 nm wavelength
1480 nm
1550 nm
1580 nm
Monitor channel wavelength range
1620 nm
1625 nm
1630 nm
Client input power range
–10 dBm
0 dBm
Monitor input power
–8 dBm
–5 dBm
–1.4 dBm
Link loss range
0 dB
20 dB
Insertion loss2
End-to-end path from CO Client In to CP Client Out
2.2 dB
End-to-end path from CP Client In to CO Client Out
1.8 dB
Return loss
40 dB
Optical input power
300 mW
PDL
0.2 dB
PMD
0.2 ps
Electrical Characteristics (Chassis)
DC supply voltage (CO chassis) 3, 4
–40 V DC
–48 V DC
–57.5 V DC
DC current (CO chassis)
225 mA
300 mA
Power dissipation (CO chassis)
10.8 W
15 W
Power dissipation (Remote loopback)
0 W
Physical Characteristics (Chassis)
External dimensions including brackets (H x W x L)
4.5 x 58.4 x 30.5 cm (1.75 x 23.0 x 13.2 in)
Weight (approximate)
3.2 kg (7.0 lb)
Physical Characteristics (Remote loopback)
External dimensions including brackets (H x W x L)
13.0 x 2.74 x 15.2 cm (5.1 x 1.08 x 6.0 in)
Weight (approximate)
0.45 kg (1.0 lb)
Environmental Characteristics
Normal operating temperature
0°C
40°C
Extended operating temperature
–5°C
55°C
Storage temperature
–40°C
85°C
Relative humidity (non-condensing)
5%
85%
Interface Specifications
Optical connectors
LC/PC on CO equipment, SC/PC on terminal loopback module
DB-9/RS-232 craft user port
Three-wire serial TTL, 9600 Baud, no parity, no flow control, 8 data bits, 1 stop bit
TL1 command line via serial (RS-232) or network (10/100Base-T) ports


Similar Description - BJK-200AL100

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-W204 PROTECHSYSTEMS-PCH-W204 Datasheet
96Kb / 1P
   4-slot Wallmount Chassis
logo
Advantech Co., Ltd.
IDAQ-934 ADVANTECH-IDAQ-934 Datasheet
213Kb / 1P
   4-slot USB 3.0 Industrial DAQ Chassis Module
25-Aug-2021
logo
AAEON Technology
AMC-250 AAEON-AMC-250 Datasheet
221Kb / 2P
   5-Slot Wallmount Chassis
logo
Axiomtek Co., Ltd.
AX60501 AXIOMTEK-AX60501_17 Datasheet
225Kb / 1P
   6-slot ShoeBox Chassis
AX60551 AXIOMTEK-AX60551_17 Datasheet
307Kb / 2P
   8-slot ShoeBox Chassis
AX60552 AXIOMTEK-AX60552_17 Datasheet
395Kb / 2P
   8-Slot ShoeBox Chassis
AX60501 AXIOMTEK-AX60501_16 Datasheet
228Kb / 1P
   6-slot ShoeBox Chassis
AX60551 AXIOMTEK-AX60551_16 Datasheet
129Kb / 1P
   8-slot ShoeBox Chassis
AX60552 AXIOMTEK-AX60552_16 Datasheet
396Kb / 2P
   8-Slot ShoeBox Chassis
AX60530 AXIOMTEK-AX60530_17 Datasheet
161Kb / 1P
   6-slot ShoeBox Chassis
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com