Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27-7702-300 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # 27-7702-300
Description  Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

27-7702-300 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  27-7702-300 Datasheet HTML 1Page - JDS Uniphase Corporation 27-7702-300 Datasheet HTML 2Page - JDS Uniphase Corporation 27-7702-300 Datasheet HTML 3Page - JDS Uniphase Corporation 27-7702-300 Datasheet HTML 4Page - JDS Uniphase Corporation 27-7702-300 Datasheet HTML 5Page - JDS Uniphase Corporation 27-7702-300 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
2700 SERIES
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: 27-7402-190
User Safety
Safety and Operating Considerations
The laser light emitted from this laser diode is invisible and may be harmful to the human eye. Avoid looking directly into the
fiber when the device is in operation.
CAUTION: THE USE OF OPTICAL INSTRUMENTS WITH THIS PRODUCT INCREASES EYE HAZARD.
Operating the laser diode outside of its maximum ratings may cause device failure or a safety hazard. Power supplies used with
this component cannot exceed maximum peak optical power.
CW laser diodes may be damaged by excessive drive current or switching transients. When using power supplies, the laser
diode should be connected with the main power on and the output voltage at zero. The current should be increased slowly
while monitoring the laser diode output power and the drive current. Careful attention to heatsinking and proper mounting
of this device is required to ensure specified performance over its operating life. To maximize thermal transfer to the heatsink,
the heatsink mounting surface must be flat to within .001” and the mounting screws must be torqued down to 1.5 in.-lb.
ESD PROTECTION — Electrostatic discharge (ESD) is the primary cause of unexpected laser diode failure. Take extreme
precaution to prevent ESD. Use wrist straps, grounded work surfaces, and rigorous antistatic techniques when handling laser diodes.
Code
Minimum Kink-Free Power
190
190 mW
200
200 mW
210
210 mW
220
220 mW
230
230 mW
240
240 mW
250
250 mW
260
260 mW
270
270 mW
280
280 mW
290
290 mW
300
300 mW
Code
Peak Wavelength
7402
973.5 to 975.0 nm
7552
974.5 to 976.5 nm
7602
975.0 to 977.0 nm
7702
976.0 to 978.0 nm
8000
970.0 to 985.0 nm
8052
979.5 to 981.5 nm
27-
-


Similar Part No. - 27-7702-300

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
27-7702-300-45 JDSU-27-7702-300-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7702-300-TE JDSU-27-7702-300-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
More results

Similar Description - 27-7702-300

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com