Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21004570 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 21004570
Description  APE??Phase Modulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

21004570 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  21004570 Datasheet HTML 1Page - JDS Uniphase Corporation 21004570 Datasheet HTML 2Page - JDS Uniphase Corporation 21004570 Datasheet HTML 3Page - JDS Uniphase Corporation 21004570 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
APE™ PHASE MODULATORS
Sample: 10022360
Product Code
Description
10027001
500 MHz APE PM, 1320 nm, 50
Ω termination, no optical connectors
21007176
500 MHz APE PM, 1320 nm, no termination, no optical connectors
21002078
500 MHz APE PM, 1550 nm, 50
Ω termination, no optical connectors
10027019
500 MHz APE PM, 1550 nm, no termination, no optical connectors
10022360
500 MHz APE PM, 1550 nm, 50
Ω termination, FC/PC optical connectors
10024520
500 MHz APE PM, 1550 nm, no termination, FC/PC optical connectors
21004570
10 GHz APE PM, 1550 nm, no optical connectors
10023874
10 GHz APE PM, 1550 nm, FC/PC optical connectors
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 10131949 Rev. 005 10/07 APEPHASEMOD.DS.CC.AE
October 2007
SMF-28 and Fujikura SM-15-P-8/125-UV-400 are registered trademarks of Corning Incorporated.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - 21004570

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
logo
Christian Bürkert GmbH ...
2100 BURKERT-2100 Datasheet
968Kb / 13P
   Pneumatic control unit for decentralised automation of process valves ELEMENT
07.03.2024
logo
Tyco Electronics
2100 MACOM-2100 Datasheet
285Kb / 3P
   Miniature Electropneumatic Timing Relay
logo
Christian Bürkert GmbH ...
2100 BURKERT-2100 Datasheet
2Mb / 20P
   Modular process valve cluster – distributor and collector
06.03.2024
logo
Make-Ps
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 21004570

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PLM-3B-10B MERRIMAC-PLM-3B-10B Datasheet
88Kb / 1P
   LINEAR PHASE MODULATORS
logo
OPTREX CORPORATION
DMC16230N-APE-DY OPTREX-DMC16230N-APE-DY Datasheet
458Kb / 16P
   DMC16230N-APE-DY
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
JDS Uniphase Corporatio...
10022054 JDSU-10022054 Datasheet
197Kb / 5P
   APE??Microwave Analog Intensity Modulator
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com