Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2219-020MLS Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 2219-020MLS
Description  Air-Cooled Argon Ion Laser Heads in Cylindrical and Rectangular Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

2219-020MLS Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  2219-020MLS Datasheet HTML 1Page - JDS Uniphase Corporation 2219-020MLS Datasheet HTML 2Page - JDS Uniphase Corporation 2219-020MLS Datasheet HTML 3Page - JDS Uniphase Corporation 2219-020MLS Datasheet HTML 4Page - JDS Uniphase Corporation 2219-020MLS Datasheet HTML 5Page - JDS Uniphase Corporation 2219-020MLS Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AIR-COOLED ARGON ION LASER HEADS IN CYLINDRICAL AND
RECTANGULAR PACKAGES
Specifications
Parameter
2218-0xxMLS/2219-0xxMLS
2218-0xxSLS/2219-0xxSLS
Optical
Output power (TEM00)
25 mW
10/20/30 mW
Wavelength
458 to 514 nm
488 nm
Mode purity (TEM00)
>95%
>95%
Beam diameter (1/e2 ±5%)
0.70
0.69
Beam divergence (mrad ±5%)
0.90
0.95
Minimum polarization ratio
250:1
Longitudinal mode spacing (TEM00 only)
566
Noise
p-p, 20 Hz to 2 kHz
≤0.1%
p-p, 20 Hz to 20 kHz
≤1.0%
rms, 20 Hz 2 MHz
≤1.0%
Maximum drift (light control mode over 2 hours)
≤1.0%
Maximum warm-up time
5 minutes
Beam pointing stability after warm-up (2 hours, 25±3 °C)
<30 µRad
CDRH class
3a
Static alignment
Beam position
±0.25 mm
Beam angle
±2.5 mrad
Environmental
Temperature
Operating
4 to 40 °C
Non-operating
30 to 60 °C
Altitude
Operating
0 to 10,000 feet
Non-operating
0 to 70,000 feet
Relative humidity (non-condensing)
Operating
0 to 90%
Non-operating
0 to 100%
Shock
Operating
25 g for 11 ms
Non-operating
25 g for 11 ms
Physical
Weight
14 lbs.
Umbilical length
72±2 inches
Note: Nominal airflow is 52 CFM. Use Dayton model 4C442 or equivalent fan rated for 140 CFM free air and typical pressure head of 0.95 inches of water.


Similar Part No. - 2219-020MLS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2219-020MLS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
2214-10SL JDSU-2214-10SL Datasheet
320Kb / 6P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical and Rectangular Packages
2213-75SL JDSU-2213-75SL Datasheet
237Kb / 5P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical Package
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Nell Semiconductor Co.,...
NACS200 NELLSEMI-NACS200 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS400 NELLSEMI-NACS400 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS500 NELLSEMI-NACS500 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Hamamatsu Corporation
L8998 HAMAMATSU-L8998 Datasheet
387Kb / 4P
   AIR-COOLED VUV LIGHT SOURCE UNIT
logo
Nell Semiconductor Co.,...
NACS300 NELLSEMI-NACS300 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS350 NELLSEMI-NACS350 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Tyco Electronics
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com