Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2219-010SLS Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # 2219-010SLS
Description  Air-Cooled Argon Ion Laser Heads in Cylindrical and Rectangular Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

2219-010SLS Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  2219-010SLS Datasheet HTML 1Page - JDS Uniphase Corporation 2219-010SLS Datasheet HTML 2Page - JDS Uniphase Corporation 2219-010SLS Datasheet HTML 3Page - JDS Uniphase Corporation 2219-010SLS Datasheet HTML 4Page - JDS Uniphase Corporation 2219-010SLS Datasheet HTML 5Page - JDS Uniphase Corporation 2219-010SLS Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
AIR-COOLED ARGON ION LASER HEADS IN CYLINDRICAL AND
RECTANGULAR PACKAGES
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: 2218-010SLS
Warranty
The 2218/19 laser heads are warranted to be free from defects in materials and workmanship for 8,000 hours of operation at
or below specified power, or for 24 months from the date of shipment, whichever occurs first. All other components of the
laser and power supply are warranted to be free from defects and workmanship for 12 months from the date of shipment.
Product Code
Description
2218-010MLS
Argon laser head cyclindrical package, 10 mW output power, multi line operation at 458 to 514 nm, single mode
2218-010SLS
Argon laser head cyclindrical package, 10 mW output power, single line operation at 488 nm, single mode
2218-020MLS
Argon laser head cyclindrical package, 20 mW output power, multi line operation at 458 to 514 nm, single mode
2218-020SLS
Argon laser head cyclindrical package, 20 mW output power, single line operation at 488 nm, single mode
2218-030MLS
Argon laser head cyclindrical package, 30 mW output power, multi line operation at 458 to 514 nm, single mode
2218-030SLS
Argon laser head cyclindrical package, 30 mW output power, single line operation at 488 nm, single mode
2219-010MLS
Argon laser head, rectangular package, 10 mW output power, multi line operation at 458 to 514 nm, single mode
2219-010SLS
Argon laser head, rectangular package, 10 mW output power, single line operation at 488 nm, single mode
2219-020MLS
Argon laser head, rectangular package, 20 mW output power, multi line operation at 458 to 514 nm, single mode
2219-020SLS
Argon laser head, rectangular package, 20 mW output power, single line operation at 488 nm, single mode
2219-030MLS
Argon laser head, rectangular package, 30 mW output power, multi line operation at 458 to 514 nm, single mode
2219-030SLS
Argon laser head, rectangular package, 30 mW output power, single line operation at 488 nm, single mode


Similar Part No. - 2219-010SLS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2219-RC BOURNS-2219-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2219-010SLS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
2214-10SL JDSU-2214-10SL Datasheet
320Kb / 6P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical and Rectangular Packages
2213-75SL JDSU-2213-75SL Datasheet
237Kb / 5P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical Package
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Nell Semiconductor Co.,...
NACS200 NELLSEMI-NACS200 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS400 NELLSEMI-NACS400 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS500 NELLSEMI-NACS500 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Hamamatsu Corporation
L8998 HAMAMATSU-L8998 Datasheet
387Kb / 4P
   AIR-COOLED VUV LIGHT SOURCE UNIT
logo
Nell Semiconductor Co.,...
NACS300 NELLSEMI-NACS300 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS350 NELLSEMI-NACS350 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Tyco Electronics
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com