Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2218-010SLS Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # 2218-010SLS
Description  Air-Cooled Argon Ion Laser Heads in Cylindrical and Rectangular Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

2218-010SLS Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  2218-010SLS Datasheet HTML 1Page - JDS Uniphase Corporation 2218-010SLS Datasheet HTML 2Page - JDS Uniphase Corporation 2218-010SLS Datasheet HTML 3Page - JDS Uniphase Corporation 2218-010SLS Datasheet HTML 4Page - JDS Uniphase Corporation 2218-010SLS Datasheet HTML 5Page - JDS Uniphase Corporation 2218-010SLS Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Specifications in inches unless otherwise noted. E-vector is vertical with respect to
laser housing. Refer to mechanical drawing for details.)
2218 Series Cylindrical Head
2
AIR-COOLED ARGON ION LASER HEADS IN CYLINDRICAL AND
RECTANGULAR PACKAGES
14.13
10.26
4.36
1.0
3.97
3.26
?3.12 0.D.
4X 4-40 UNC-2B
1.00
0.50
0.50
1.00
4.25
1.2
1.76
BEAM
OUTPUT
AIR INTAKE
1.0
EXHAUST
AIR
72.0
AREAS
MOUNTING
3.1
(Specifications in inches unless otherwise noted. E-vector is vertical with respect to
laser housing. Refer to mechanical drawing for details.)
2219 Series Rectangular Head
12.18
GROUND
AIR IN
GROUND
.50"
.05
4.55
.50
1.00
AIR IN
6.38
BEAM EXIT
1.00"
5.18"
2.28
C
L
AIR OUT
4X
4-40 UNC-2B
Ø1.25"
72.0


Similar Part No. - 2218-010SLS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2218-RC BOURNS-2218-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2218-RC BOURNS-2218-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2218-RC BOURNS-2218-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2218-RC BOURNS-2218-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2218-010SLS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
2214-10SL JDSU-2214-10SL Datasheet
320Kb / 6P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical and Rectangular Packages
2213-75SL JDSU-2213-75SL Datasheet
237Kb / 5P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical Package
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Nell Semiconductor Co.,...
NACS200 NELLSEMI-NACS200 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS400 NELLSEMI-NACS400 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS500 NELLSEMI-NACS500 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Hamamatsu Corporation
L8998 HAMAMATSU-L8998 Datasheet
387Kb / 4P
   AIR-COOLED VUV LIGHT SOURCE UNIT
logo
Nell Semiconductor Co.,...
NACS300 NELLSEMI-NACS300 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS350 NELLSEMI-NACS350 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Tyco Electronics
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com