Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3206-00 Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # 3206-00
Description  3205/3206 Tunable Laser Assembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

3206-00 Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  3206-00 Datasheet HTML 1Page - JDS Uniphase Corporation 3206-00 Datasheet HTML 2Page - JDS Uniphase Corporation 3206-00 Datasheet HTML 3Page - JDS Uniphase Corporation 3206-00 Datasheet HTML 4Page - JDS Uniphase Corporation 3206-00 Datasheet HTML 5Page - JDS Uniphase Corporation 3206-00 Datasheet HTML 6Page - JDS Uniphase Corporation 3206-00 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 30137442 Rev. 001 06/06 32053206TLA.DS.CMS.AE
3205/3206 TUNABLE LASER ASSEMBLY
Laser Safety
The 32XX versions of widely tunable lasers are classified as Class IM per IEC/EN 60825-1/A2:2001. This product complies
with FDA/CDRH, 21 CFR 1040.10 and 1040.11 except for deviations pursuant to Laser Notice No. 50 dated 26 July, 2001.
Viewing the laser output with certain optical instruments (for example, eye loupes, magnifiers, and microscopes) within a
distance of 100 mm may pose an eye hazard.
Laser power up to 40 mW at 1550 nm could be accessible if optical connector is open or fiber is broken.
CAUTION: Class 1M Invisible laser radiation
when open. Do not view directly with optical
instruments.
Invisible Laser Radiation
Do not view directly with optical instruments (magnifiers).
Class 1M Laser Product per IEC/EN 60825-1/A2:2001
40 mW at 1550 nm
Qualification and Reliability
New product introduction follows a comprehensive gating structure that monitors time, costs, quality and reliability of the
product from concept to volume manufacturing, and ensures that products meet all requirements during the life cycle.
The product qualification will fully meet the intent of the Telcordia standards, and qualifies the product in stages of
integration, building upon qualified Core Technology Platforms. The laser components will be tested under accelerated life
tests using both temperature and current, to determine the MTTF. Hermetic Laser Diode Modules will be qualified to GR-
468-CORE.
CAUTION: Use of controls, adjustments, and
procedures other than those specified herein may
result in hazardous laser radiation exposure.


Similar Part No. - 3206-00

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
3206-D-00 JDSU-3206-D-00 Datasheet
284Kb / 7P
   3205-D/3206-D Tunable Laser Subassembly
3206-D-01 JDSU-3206-D-01 Datasheet
284Kb / 7P
   3205-D/3206-D Tunable Laser Subassembly
3206-D-02 JDSU-3206-D-02 Datasheet
284Kb / 7P
   3205-D/3206-D Tunable Laser Subassembly
More results

Similar Description - 3206-00

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
3205-D-00 JDSU-3205-D-00 Datasheet
284Kb / 7P
   3205-D/3206-D Tunable Laser Subassembly
logo
NICHIA CORPORATION
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
NUV603E NICHIA-NUV603E Datasheet
360Kb / 3P
   Tunable Laser Module
logo
Bookham, Inc.
TL5000DLJ BOOKHAM-TL5000DLJ Datasheet
176Kb / 7P
   LambdaFLEX??iTLA TL5000 Integrable Tunable Laser Assembly
logo
NICHIA CORPORATION
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
   Tunable Laser Module CORE
logo
Agilent(Hewlett-Packard...
81600B HP-81600B Datasheet
201Kb / 12P
   Tunable Laser Source Family
logo
NICHIA CORPORATION
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
   Tunable Laser Module CORE
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
   Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
   Tunable Laser Module CORE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com