Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27-7552-250-TE Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # 27-7552-250-TE
Description  Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

27-7552-250-TE Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  27-7552-250-TE Datasheet HTML 1Page - JDS Uniphase Corporation 27-7552-250-TE Datasheet HTML 2Page - JDS Uniphase Corporation 27-7552-250-TE Datasheet HTML 3Page - JDS Uniphase Corporation 27-7552-250-TE Datasheet HTML 4Page - JDS Uniphase Corporation 27-7552-250-TE Datasheet HTML 5Page - JDS Uniphase Corporation 27-7552-250-TE Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2700-TE SERIES
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Labeling
21 CFR 1040.10 Compliance
Because of the small size of these
devices, the output power and laser
emission indicator label shown below is
attached to the individual shipping
container. All labels are illustrated here
to comply with 21 CFR 1040.10 as
applicable under the Radiations Control
for Health and Safety Act of 1968.
INVISIBLE LASER RADIATION -
AVOID DIRECT EXPOSURE TO BEAM
PEAK POWER 500 mW
WAVELENGTH 630 - 1,550 nm
INVISIBLE
LASER DIODE
Visible/invisible
radiation emitted
from fiber end or
fiber receptacle
AVOID EXPOSURE
CLASS 3B LASER PRODUCT
CAUTION -
Handle with care. Easily damaged
by electrostatic discharge
This product complies with 21 CFR Chapter 1, Subchapter J
DANGER
Serial:
Model:
27-ABC123
27-xxxx-xxx-TE
JDS Uniphase (Shenzhen) Ltd
3 Hongmian Road
Futian Free Trade Zone
Shenzhen, China 518038
Made in China
02/09/07 27-ABC123
27-xxxx-xxx-TE
Made in China
14-Pin Module Label
Shipping Box Label
Output Power and Laser Emission Indicator Label
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 10143014 005 0408
2700TEPUMP.DS.CC.AE
April 2008
PureMode is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - 27-7552-250-TE

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
27-7552-250 JDSU-27-7552-250 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results

Similar Description - 27-7552-250-TE

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com