Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-7402-150 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 26-7402-150
Description  Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

26-7402-150 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  26-7402-150 Datasheet HTML 1Page - JDS Uniphase Corporation 26-7402-150 Datasheet HTML 2Page - JDS Uniphase Corporation 26-7402-150 Datasheet HTML 3Page - JDS Uniphase Corporation 26-7402-150 Datasheet HTML 4Page - JDS Uniphase Corporation 26-7402-150 Datasheet HTML 5Page - JDS Uniphase Corporation 26-7402-150 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
2600 SERIES
Table 1: Absolute Maximum Ratings
Parameter
Symbol
Test Conditions
Minimum
Maximum
Operating case temperature
Top
-
-5 °C
75 °C
Storage temperature
Tstg
2000 hours
-40 °C
85 °C
LD submount temperature
TLD
-
0 °C
50 °C
LD reverse voltage
Vr
-
-
2 V
LD forward current
-
-
650 mA
LD current transient
1 µs maximum
-
950 mA
LD reverse current
-
-
10 µA
PD reverse voltage
VPD
-
-
20 V
PD forward current
IPD
-
-
10 mA
Electrostatic discharge (ESD)
VESD
C = 100 pF, R = 1.5
Ω, human body model
-
1000 V
TEC current
ITEC
-
-
2.5 A
TEC voltage
VTEC
-
-
4.0 V
Axial pull force
3 x 10 seconds
-
5 N
Side pull force
3 x 10 seconds
-
2.5 N
Fiber bend radius
-
16 mm
-
Relative humidity
RH
40 °C
5%
95%
Lead soldering time
260 °C
-
10 seconds
Note: Absolute maximum ratings are the maximum stresses that may be applied to the pump module for short periods of time without causing damage. Stresses in excess of the absolute maximum ratings can
permanently damage the device. Exposure to absolute maximum ratings for extended periods, or exposure to more than one absolute maximum rating simultaneously may adversely affect device reliability.
Table 2: Operating Parameters
Product
Maximum
Maximum
Minimum
Kink-Free
Code1
Operating
Operating
Kink-Free
Current
Power
Current
Power
Imax (mA)3
Pop (mW)2,3
Iop (mA)
Pmax (mW)4
Maximum4
Maximum2
26-xxxx-100
90
240
100
260
26-xxxx-110
100
240
110
260
26-xxxx-120
110
260
120
270
26-xxxx-130
120
270
130
290
26-xxxx-140
125
280
140
310
26-xxxx-150
135
300
150
330
26-xxxx-160
145
320
160
350
26-xxxx-170
155
340
170
370
26-xxxx-180
160
340
180
380
1. The 27-xxxx-xxx may be substituted for this part series. All 26-xxxx-xxx end product specifications will remain as published; there is no change to part numbers, product testing, quality or reliability.
Traceability is accomplished through product serial number.
2. The maximum operating power Pop will be achieved at a device-specific current, the maximum operating current Iop. The individual value of Iop is noted on the hardcopy data sheet shipped with the device.
All values of Iop are limited by the maximum value listed in Table 2.
3. The pump laser shall never be operated at a power higher than the maximum operating power Pop throughout its lifetime. At Begin of Life (BOL), the operating current shall never be higher than the
device-specific maximum operating current Iop that is noted on the hardcopy data sheet shipped with the device. At End of Life (EOL), the operating current shall never be higher than the device-specific
kink-free current Imax that is noted on the hardcopy data sheet shipped with the device.
4. The module is kink-free (at least) up to a minimum kink-free power Pmax that the module will achieve at a device-specific current, the kink-free current Imax. The individual value of Imax is noted on the
hardcopy data sheet shipped with the device. All values of Imax are limited by the maximum value listed in Table 2.
(BOL, Tcase = 0 to 75 °C, TLD = 25 °C, -50 dB reflection, unless noted otherwise)


Similar Part No. - 26-7402-150

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
26-7402-150-TE JDSU-26-7402-150-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
More results

Similar Description - 26-7402-150

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com