Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3205-D-01 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 3205-D-01
Description  3205-D/3206-D Tunable Laser Subassembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

3205-D-01 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  3205-D-01 Datasheet HTML 1Page - JDS Uniphase Corporation 3205-D-01 Datasheet HTML 2Page - JDS Uniphase Corporation 3205-D-01 Datasheet HTML 3Page - JDS Uniphase Corporation 3205-D-01 Datasheet HTML 4Page - JDS Uniphase Corporation 3205-D-01 Datasheet HTML 5Page - JDS Uniphase Corporation 3205-D-01 Datasheet HTML 6Page - JDS Uniphase Corporation 3205-D-01 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
3205-D/3206-D TUNABLE LASER SUBASSEMBLY
Pinout
Pin
Description
1
TEC Voltage
2
TEC Voltage
3
TEC Voltage
4
TEC Voltage
5
Ground
6
Ground
7
Ground
8
Ground
9
+3.3 V, Analog
10
+3.3 V, Analog
11
Ground
12
Ground
13
+3.3 V, Digital
14
+3.3 V, Digital
15
Ground
16
Ground
17
Reset, Active Low
18
Communication Bus Select1
19
Laser Disable, Active Low
20
Communication Bus Select2
21
Channel Tagging
22
I2C™ NEC/SPI Output Data/UART Tx Data
23
Reserved for Future Use—NEC3
24
I2C™ Serial Data/SPI Input Data/UART Rx Data
25
Reserved for Future Use—NEC
26
I2C™ Serial Clock/SPI Input Clock/UART NEC
27
Reserved for Future Use—NEC
28
I2C™ NEC/SPI Slave Select/UART NEC
29
Wavelength Lock Status, Active Low
30
I2C™ A0/SPI Slave Ready/UART NEC
31
Service Alarm, Active Low
32
I2C™ A1/SPI NEC/UART NEC
33
Urgent Alarm, Active Low
34
I2C™ A2/SPI NEC/UART NEC
35
Manufacturing Services—NEC
36
Manufacturing Services—NEC
37
Manufacturing Services—NEC
38
Manufacturing Services—NEC
39
Manufacturing Services—NEC
40
Manufacturing Services—NEC
1. Module Connector type: Samtec FTS-120-03-L-DV or equivalent (pin)
2. PCB Connector type: Samtec CLP-120-02-G-D-P or equivalent (socket)
3. NEC = No External Connection
02
01
39
40


Similar Part No. - 3205-D-01

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
3205-00 JDSU-3205-00 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
3205-01 JDSU-3205-01 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
3205-02 JDSU-3205-02 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
logo
KR Electronics, Inc.
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
   770 KHz Bandpass Filter
More results

Similar Description - 3205-D-01

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
3205-00 JDSU-3205-00 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
logo
NICHIA CORPORATION
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
NUV603E NICHIA-NUV603E Datasheet
360Kb / 3P
   Tunable Laser Module
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
   Tunable Laser Module CORE
logo
Agilent(Hewlett-Packard...
81600B HP-81600B Datasheet
201Kb / 12P
   Tunable Laser Source Family
logo
NICHIA CORPORATION
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
   Tunable Laser Module CORE
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
   Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
   Tunable Laser Module CORE
NUV614T NICHIA-NUV614T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com