Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-7552-140 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # 26-7552-140
Description  Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

26-7552-140 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  26-7552-140 Datasheet HTML 1Page - JDS Uniphase Corporation 26-7552-140 Datasheet HTML 2Page - JDS Uniphase Corporation 26-7552-140 Datasheet HTML 3Page - JDS Uniphase Corporation 26-7552-140 Datasheet HTML 4Page - JDS Uniphase Corporation 26-7552-140 Datasheet HTML 5Page - JDS Uniphase Corporation 26-7552-140 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• High kink-free powers to 180 mW
• Low-profile, epoxy-free, and flux-free 14-PIN butterfly
planar package
• Fiber Bragg grating stabilization
• Wavelength selection available
• Integrated thermoelectric cooler, thermistor, and
monitor diode
• High dynamic range
• Excellent low power stability
The JDSU 2600 Series of 980 nm pump modules utilizes a planar construction
with chip on subcarrier. The high power JDSU laser chip is hermetically sealed in
a low-profile, epoxy-free and flux-free 14-pin butterfly package, fitted with a
thermistor, thermoelectric cooler, and monitor diode. The module meets the
stringent requirements of the telecommunications industry, including Telcordia™
GR-468-CORE for hermetic 980 nm pump modules.
The 2600 Series pump module uses fiber Bragg grating stabilization to “lock” the
emission wavelength and provides a noise-free narrowband spectrum, even under
changes in temperature, drive current, and optical feedback. Wavelength selection
is available for applications requiring the highest performance in spectrum
control with the highest powers available.
Applications
• Dense wavelength division
multiplexing (DWDM) EDFAs for
small package designs
• High bit rate, high channel count
EDFAs
• CATV distribution
Compliance
• Telcordia GR-468-CORE
Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump
Modules
2600 Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - 26-7552-140

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
26-7552-140-TE JDSU-26-7552-140-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
More results

Similar Description - 26-7552-140

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com