Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5341 Datasheet(PDF) 2 Page - ETAL Group

Part # P5341
Description  ADSL Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5341 Datasheet(HTML) 2 Page - ETAL Group

  P5341 Datasheet HTML 1Page - ETAL Group P5341 Datasheet HTML 2Page - ETAL Group P5341 Datasheet HTML 3Page - ETAL Group P5341 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P5341
ETALDOC 843/4
Page 2 of 4
June 2005
SPECIFICATIONS
Electrical
Typical values at T = 25ºC, unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Inductance
10kHz 100mV
1-4 (link 2-3)
1.42
1.5
1.58
mH
Leakage inductance
100kHz, 100mV, 1-4
(link 2-3; link 7, 8, 9, 10)
-
-
14
µH
Interwinding
capacitance
100kHz 100mV
1-10 (link 2, 3; link 8, 9)
-
-
33
pF
Third Harmonic
(1)
Distortion
30kHz, 5.3Vrms
(link 2-3; link 8-9)
-
-
-84
dB
DC resistance
1-4 (link 2-3)
10-7 (link 8-9)
-
-
-
-
2.55
0.65
Turns ratio
1-4: 10-7
(link 3, 2; link 8,9)
1.96
2.00
2.04
-
Voltage isolation
(2)
50Hz
DC
(1, 2, 3, 4 : 7, 8, 9, 10)
2.12
3.0
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
-40
-40
-
-
+85
+85
ºC
ºC
Notes
1. 33Ω source, 130Ω load.
2. Components are 100% tested at 3.25kV DC.


Similar Part No. - P5341

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P534 HAMAMATSU-P534 Datasheet
143Kb / 2P
   CdS photoconductive cell
logo
ETAL Group
P5342 ETAL-P5342 Datasheet
123Kb / 4P
   ADSL Transformer
More results

Similar Description - P5341

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6644 FILTRAN-6644 Datasheet
68Kb / 1P
   ADSL Transformer
logo
XFMRS Inc.
XF0053A-EP13S XFMRS-XF0053A-EP13S Datasheet
75Kb / 1P
   ADSL TRANSFORMER
XF0709-AD23S XFMRS-XF0709-AD23S Datasheet
47Kb / 1P
   ADSL TRANSFORMER
XF0709-AD24S XFMRS-XF0709-AD24S Datasheet
43Kb / 1P
   ADSL TRANSFORMER
XF0709-AD25S XFMRS-XF0709-AD25S Datasheet
49Kb / 1P
   ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A Datasheet
63Kb / 1P
   ADSL TRANSFORMER
XFADSL33 XFMRS-XFADSL33 Datasheet
101Kb / 1P
   ADSL TRANSFORMER
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
   ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
   ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
   ADSL TRANSFORMER
XFADSL1S XFMRS-XFADSL1S Datasheet
61Kb / 1P
   ADSL TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com