Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE47A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 1.5KE47A
Description  VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1.5KE47A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1.5KE47A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1.5KE47A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 1.5KE47A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 1.5KE47A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any changing of specification will not be informed individual
1.5KE SERIES
* 1500 Watts Surge Capability at 1ms
RoHS Compliant Product
1500W Peak Power TVS
1500W Peak Power / 5.0W Steady State
VOLTAGE 6.8V ~ 440V
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1)
PPK
Minimum 1500
Watts
Steady State Power Dissipation at TL=75 C
Lead Length .375"(9.5mm) (NOTE 2)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
superimposed on rated load (JEDEC method) (NOTE 3)
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
C
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
length, 5lbs.(2.3kg) tension
260 C / 10 seconds / .375"(9.5mm) lead
* Typical IR less than 1 A above 10V
* Fast response time: Typically less than
* Low zener impedance
* Excellent clamping capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.20 grams
*
DO-201
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.051(1.30)
.038(0.96)
DIA.
.210(5.3)
.188(4.8)
DIA.
PD
5.0
Watts
IFSM
200
Amps
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2.
2. Mounted on Copper Pad area of 0.8" X 0.8" (20mm X 20mm) per Fig.5.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru 1.5KE440.
2. Electrical characteristics apply in both directions.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. B
Page 1 of 4


Similar Part No. - 1.5KE47A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE47A TRSYS-1.5KE47A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE47A SOCAY-1.5KE47A Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
1.5KE47A BILIN-1.5KE47A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
1.5KE47A SIPOWER-1.5KE47A Datasheet
1Mb / 5P
   Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE47A DIODES-1.5KE47A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE47A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
P4KES SECOS-P4KES Datasheet
57Kb / 3P
   Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
SMCJ SECOS-SMCJ_15 Datasheet
133Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com