Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4-2495-001 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # L4-2495-001
Description  High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

L4-2495-001 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  L4-2495-001 Datasheet HTML 1Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 2Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 3Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 4Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMMERCIAL LASERS
Key Features
• 4.0 W output power at 808 nm
• 4.5 W output power at 812 nm
• High reliability
• 105 µm aperture
• 0.22 NA
• Isolated electrical contacts
The highly reliable JDSU 2495-L4 series diode lasers offer 4 W of laser power from
a 105-µm fiber into a 0.22 numerical aperture (NA) at 808 nm. It is an ideal source
for pumping solid-state materials such as Nd: YAG and Nd: Vanadate. In addition,
a 4.5 W version is available at 812 nm for applications with broader wavelength
tolerances such as medical and dental.
The L4 multimode pump module is based on single-emitter diode lasers, and
allows for a radical departure from standard bar-based pumping architectures.
Hundreds of watts of highly reliable pump power can be achieved with a
distributed architecture using multiple L4 diode lasers and a multimode fiber
coupler or fiber bundle. In a distributed architecture, cascading failure modes are
avoided, and ensemble statistics can be used to predict pump assembly lifetimes.
The L4 multimode pump module eases thermal management by distributing the
diode lasers (heat sources), allowing for a simple air- or water-cooled architecture
in laser pumps and direct diode applications.
Applications
• Solid-state laser pumping
• Medical procedures
• Direct-diode application
High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
2495-L4 Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - L4-2495-001

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-004 JDSU-L4-2486-004 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-005 JDSU-L4-2486-005 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-006 JDSU-L4-2486-006 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
More results

Similar Description - L4-2495-001

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
logo
Lumics GmbH
LU0808C230 LUMICS-LU0808C230 Datasheet
686Kb / 3P
   LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com