Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1634RV48 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FWLF1634RV48
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634RV48 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FWLF1634RV48 Datasheet HTML 2Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 3Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 4Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 5Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 6Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 7Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 8Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 9Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 6
Rev C2, Feb.2009
V.
Optical Parameters
1
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
TRANSMITTER CHARACTERISTICS
Center Wavelength Spacing
100
GHz
Corresponds to approximately 0.8 nm
Modulated Spectral Width
∆λ 20
0.2
0.3
nm
Full width, -20dB from max.
See note 3
Center Wavelength – End of Life
λc
X - 100
X
X + 100
pm
X = specified center wavelength
Center Wavelength – BOL Offset
λc
Y - 25
Y
Y + 25
pm
Y = specified center wavelength
Side Mode Suppression Ratio
SMSR
30
dB
Modulated
Optical Rise/Fall Time
tr / tf
120
ps
Unfiltered, 80% -20%
Optical Output Power
Pout
+2
+5
dBm
Avg. power coupled into SMF-28; see
note 4
Extinction Ratio, (<=4.25G)
OMI
6.0
dB
EOL
Extinction Ratio, SONET
OMI
8.2
dB
EOL, Rate Select Option Only
Eye Opening
10
%
Jitter Generation, SONET
75
mUI
Parameters per GR-253
2
section 5.6 for OC-48 B
Total Jitter
59.8
ps
(p-to-p)
Deterministic Jitter
28.2
ps
(p-to-p)
Reflectance
RTX
-27
dB
Tolerable Back Reflection
BR
-14
dB
See note 5
Relative Intensity Noise
RIN
-120
dB/Hz
Dispersion Power Penalty
DPP
3.0
dB
At 1600 ps/nm. See Note 6
RECEIVER CHARACTERISTICS
Optical Input Wavelength
Pin
1520
1570
nm
Jitter Generation , SONET
75
mUI
Parameters per GR-253
2
section 5.6 for OC-48 B
Total Jitter
61.8
ps
(p-to-p)
Deterministic Jitter
25.9
ps
(p-to-p)
Optical Input Power
(BER < 10
-12)
Pin
-28
-9
dBm
2.5 Gb/s w/ PRBS 2
23 -1
EOL, & rate select low option
implemented
Optical Input Power
(BER < 10
-12)
Pin
-23
-9
dBm
4.25 Gb/s w/ PRBS 2
7 -1
EOL
Optical Input Power –
Receiver Damage Threshold
+6
dBm
Receiver Reflectance
RRX
-27
dB
Min-Required OSNR 0ps/nm
OSNRbb
22
dB
See Note 7
Min-Required OSNR 1600ps/nm
OSNRt
25
dB
See Note 7
Notes:
1. Parameters are specified over temperature and voltage, at end of life, and for non-rate select option unless otherwise noted.
2. All parameters are measured on a Finisar SFP Evaluation Card unless otherwise noted.
3. For accurate ∆λ20 measurements, an OSA with a resolution band width of ≤ 20pm is recommended.
4. Output power of +3 to +7dBm is also supported; please contact your local Finisar sales representatives for details.
5. Tolerable back reflection is the max back reflection level at which the power penalty will be <1dB. Power penalty is measured
over fiber (1600ps/nm) at BER = 10
-12 with OSNR set at 24dB.
6. Dispersion power penalty is measured in loop back with OSNR set to 30 dB. Data rate and pattern used same as specified for
Optical Input Power. Dispersion power penalty is the difference in Rx power at a BER of 10
-12 for 0ps/nm & 1600ps/nm
7. Rx power set between -9dBm and -18dBm. Data rate and pattern used same as specified for Optical Input Power. Measured as
the Minimum OSNR to achieve a BER of 10
-12 . Optical filter bandwidth of 0.1nm is used in OSNR measurement.


Similar Part No. - FWLF1634RV48

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1634RLXX FRONTIER-FWLF1634RLXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1634RLXX FINISAR-FWLF1634RLXX Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634Ry18 FINISAR-FWLF1634Ry18 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Similar Description - FWLF1634RV48

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com