Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1634RV41 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWLF1634RV41
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634RV41 Datasheet(HTML) 2 Page - Finisar Corporation.

  FWLF1634RV41 Datasheet HTML 1Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 2Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 3Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 4Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 5Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 6Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 7Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 8Page - Finisar Corporation. FWLF1634RV41 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 2
Rev C2, Feb.2009
PRODUCT SELECTION
FWLF1634Ryxx
L
Non Rate Selectable - 4x Fibre Channel
V
Rate Selectable - 1x, 2x, Fibre Channel, Gigabit Ethernet
xx
DWDM Wavelength (see table below)
y
Product Code
Frequency (THz)
Center Wavelength (nm)
FWLF1634Ry17
191.7
1563.86
FWLF1634Ry18
191.8
1563.05
FWLF1634Ry19
191.9
1562.23
FWLF1634Ry20
192.0
1561.42
FWLF1634Ry21
192.1
1560.61
FWLF1634Ry22
192.2
1559.79
FWLF1634Ry23
192.3
1558.98
FWLF1634Ry24
192.4
1558.17
FWLF1634Ry25
192.5
1557.36
FWLF1634Ry26
192.6
1556.55
FWLF1634Ry27
192.7
1555.75
FWLF1634Ry28
192.8
1554.94
FWLF1634Ry29
192.9
1554.13
FWLF1634Ry30
193.0
1553.33
FWLF1634Ry31
193.1
1552.52
FWLF1634Ry32
193.2
1551.72
FWLF1634Ry33
193.3
1550.92
FWLF1634Ry34
193.4
1550.12
FWLF1634Ry35
193.5
1549.32
FWLF1634Ry36
193.6
1548.51
FWLF1634Ry37
193.7
1547.72
FWLF1634Ry38
193.8
1546.92
FWLF1634Ry39
193.9
1546.12
FWLF1634Ry40
194.0
1545.32
FWLF1634Ry41
194.1
1544.53
FWLF1634Ry42
194.2
1543.73
FWLF1634Ry43
194.3
1542.94
FWLF1634Ry44
194.4
1542.14
FWLF1634Ry45
194.5
1541.35
FWLF1634Ry46
194.6
1540.56
FWLF1634Ry47
194.7
1539.77
FWLF1634Ry48
194.8
1538.98
FWLF1634Ry49
194.9
1538.19
FWLF1634Ry50
195.0
1537.40
FWLF1634Ry51
195.1
1536.61
FWLF1634Ry52
195.2
1535.82
FWLF1634Ry53
195.3
1535.04
FWLF1634Ry54
195.4
1534.25
FWLF1634Ry55
195.5
1533.47
FWLF1634Ry56
195.6
1532.68
FWLF1634Ry57
195.7
1531.90
FWLF1634Ry58
195.8
1531.12
FWLF1634Ry59
195.9
1530.33
FWLF1634Ry60
196.0
1529.55
FWLF1634Ry61
196.1
1528.77


Similar Part No. - FWLF1634RV41

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1634RLXX FRONTIER-FWLF1634RLXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1634RLXX FINISAR-FWLF1634RLXX Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634Ry18 FINISAR-FWLF1634Ry18 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Similar Description - FWLF1634RV41

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com