Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24-00150 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # 24-00150
Description  Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

24-00150 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  24-00150 Datasheet HTML 1Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 2Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 3Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 4Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 5Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 6Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 7Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 8Page - JDS Uniphase Corporation 24-00150 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
24XX SERIES DIODE LASERS
Electro-optical Specifications
Parameter
Symbol
2445-G1 0.6 W
2455-G1 1.2 W
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Laser Characteristics
CW output power
Po
0.6
1.2
W
Center wavelength and tolerance
λc
808 (±2.5)
808 (±2.5)
nm
808 (±7)
808 (±7)
Spectral width
Δλ
–2
2
nm
Slope efficiency
ηd = Po/(Iop–Ith)
1.00
1.15
1.00
1.15
W/A
Conversion efficiency
η = Po/(IopVop)
45
45
%
Emitting dimensions
W x H
100 x 1
100 x 1
µm
FWHM beam divergence
Parallel to junction
θ
//
7
10
7
10
degrees
Perpendicular to junction
θ
30
33
30
33
degrees
90% power in angle beam divergence
Parallel to junction
θ
//,90%
5.6
5.6
degrees
Threshold current
Ith
0.32
0.40
0.32
0.40
A
Operating current
Iop
0.85
1.00
1.35
1.55
A
Operating voltage
Vop
1.8
2.0
1.9
2.0
V
Series resistance
Rs
0.27
0.27
Ω
Thermal resistance
Rth
12
12
°C/W
Recommended case temperature
Tc
15
30
15
30
°C
Absolute Maximum and Minimum Ratings
Breakdown voltage
Vb
3–
3
V
Case operating temperature
Top
-20
50
-20
50
°C
Storage temperature range
Tstg
-40
80
-40
80
°C
Lead soldering temperature
Tis
250 (5 sec.)
250 (5 sec.)
°C
Monitor Photodiode
Sensitivity
0.2
10
0.2
10
µA/mW
Capacitance
6
6
pF
Breakdown voltage
Vbd
–25
25
V
Operating voltage
Vop
–10
10
V
Reliability (at Po, 25°C)
Mean time to failure
MTTF
200,000 –
200,000
Hr
Note:
Typical value at 25°C and 0.6 NA collection optics
Available Configurations
2445 Series 2455 series
2465 Series 2475 Series 2495 Series 2496 Series
G-package
G-package
A-block
A-block
Y-block
Y-block
A-block
LX submount


Similar Part No. - 24-00150

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
24-001501 CONEC-24-001501 Datasheet
295Kb / 1P
   D-SUB C-Filter Male 9pos. with threaded rear spacer clip
21.09.2021
24-001502 CONEC-24-001502 Datasheet
295Kb / 1P
   D-SUB C-Filter Male 9pos. with threaded rear spacer clip
21.09.2021
24-001503 CONEC-24-001503 Datasheet
295Kb / 1P
   D-SUB C-Filter Male 9pos. with threaded rear spacer clip
21.09.2021
More results

Similar Description - 24-00150

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
LUXXXXDYYY LUMICS-LUXXXXDYYY Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 130 w
2022-01-11
LU1940D070-U LUMICS-LU1940D070-U Datasheet
568Kb / 2P
   Diode Laser @ 1940 nm up to 7 W
2020-11-04
LU1940D140 LUMICS-LU1940D140 Datasheet
639Kb / 2P
   Diode Laser @ 1940 nm up to 14 W
2020-11-10
logo
JDS Uniphase Corporatio...
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com