Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24-00144 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # 24-00144
Description  Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

24-00144 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  24-00144 Datasheet HTML 1Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 2Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 3Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 4Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 5Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 6Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 7Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 8Page - JDS Uniphase Corporation 24-00144 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Dimensions Diagram
(Specifications in inches [mm] unless otherwise noted.)
Standard Tolerances
inches: x.xx = ±0.02
mm: x.x = ±0.5
x.xxx = ±0.010
x.xx = ±0.25
0.086 (2.18)
0.40 Nom. (10.0)
Protective Tab
0.157
(3.98)
0.110 (2.80)
0.025
(0.64)
0.31
(8.0)
0.125
(3.18)
0.25 (6.4)
0.06 (1.5)
Cathode
Lead ( - )
Hole, 0.09 (2.3) Dia.
Counterbore, 0.18 (4.4) Dia.
0.05 (1.2) Deep
Insulator
Stand-off
Laser
Output
Case is
anode ( + )
θ
θ
Package Style: Open Heat Sink (A)
Package Style: SOT-148 Window (G1)
0.10
(2.5)
0.05 (1.3)
Window: AR Coating, Both Surfaces
Thickness: 0.0100
±0.002
(0.25
±0.05)
0.26
Nom.
(6.6)
0.20
(5.1)
0.14 (3.5)
Laser Facet Depth
= 0.04 (1.0) Nom.
0.14 (3.6)
0.260
±0.005
(6.60
±0.13)
θ
θ
3
1
2
0.354
±0.005
(9.00
±0.13)
Laser
Output
Pinout
Pin
Description
1
Laser cathode (–)
2
Laser anode, MPD cathode
and case ground
3
Monitor photodiode anode (+)
24XX SERIES DIODE LASERS


Similar Part No. - 24-00144

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
24-001441 CONEC-24-001441 Datasheet
278Kb / 2P
   D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate, PCB snap
14.09.2021
24-001442 CONEC-24-001442 Datasheet
278Kb / 2P
   D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate, PCB snap
14.09.2021
24-001443 CONEC-24-001443 Datasheet
278Kb / 2P
   D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate, PCB snap
14.09.2021
More results

Similar Description - 24-00144

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
LUXXXXDYYY LUMICS-LUXXXXDYYY Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 130 w
2022-01-11
LU1940D070-U LUMICS-LU1940D070-U Datasheet
568Kb / 2P
   Diode Laser @ 1940 nm up to 7 W
2020-11-04
LU1940D140 LUMICS-LU1940D140 Datasheet
639Kb / 2P
   Diode Laser @ 1940 nm up to 14 W
2020-11-10
logo
JDS Uniphase Corporatio...
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com