Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1333-GAA Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # 1333-GAA
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1333-GAA Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button 1333-GAA Datasheet HTML 5Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 6Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 7Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 8Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 9Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 10Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 11Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 12Page - Cooper Bussmann, Inc. 1333-GAA Datasheet HTML 13Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
High Speed Fuses
Bussmann
Fuses in Allen-Bradley Drives
TECHNICAL LITERATURE
3/11/2002
(cont.)
Model 1336 IMPACT Adjustable Frequency AC Drive
0.37 - 597 kW (0.5 - 800 HP)
Maximum Short Circuit Rating is 200kA
Maximum Recommended AC Input Line Fuse Ratings (fuses are user supplied)
Drive Catalog
Rating
Use Bussmann Semiconductor Fuses
Number
kW
HP
200–240V
380–480V
500–600V
1336E-_ _ 300
224
300
FWP-500A
FWP-400A
1336E-_ _ P300
224
300
FWP-500A
1336E-_ _ 350
224
300
FWP-600A
FWP-450A
1336E-_ _ P350
261
350
FWP-600A
1336E-_ _ 400
298
400
FWP-600A
FWP-500A
1336E-_ _ P400
298
400
FWP-600A
1336E-_ _ 450
336
450
FWP-800A
FWP-600A
1336E-_ _ P450
336
450
FWP-700A
1336E-_ _ 500
373
500
FWP-800A
FWP-800A
1336E-_ _ 600
448
600
FWP-900A
FWP-800A
1336E-_ _ 650
485
650
FWP-800A
1336E-_ _ 700C
522
700
FWP-600A
{1}
FWP-700A
{1}
1336E-_ _ 800C
597
800
FWP-700A
{1}
FWP-700A
{1}
{1} Two Fuses in parallel are required.
Amps
Fuse Blocks
FWP
450 - 600
1BS104
700
BH-3145


Similar Part No. - 1333-GAA

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
logo
Heyco.
1333 HEYCO-1333 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
PHOENIX CONTACT
1333130 PHOENIX-1333130 Datasheet
175Kb / 5P
   USB cable - NBC-USB2.0-UAM/0,3-PVC/UAM
1333131 PHOENIX-1333131 Datasheet
176Kb / 5P
   USB cable - NBC-USB2.0-UAM/0,5-PVC/UAM
1333136 PHOENIX-1333136 Datasheet
176Kb / 5P
   USB cable - NBC-USB2.0-UAM/1,0-PVC/UAM
More results

Similar Description - 1333-GAA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com