Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3M23024GCC Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # EP3M23024GCC
Description  Coordination Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

EP3M23024GCC Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  EP3M23024GCC Datasheet HTML 1Page - Cooper Bussmann, Inc. EP3M23024GCC Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coordination Module™ Specifications
Voltage
Short-Circuit
Dimensions – in
Branch Circuit
Number of
Series
Rating
Current Rating
Amp Rating
Circuits
EP2M23012GCC
120/208V
100kA*
28
36
5.75
30
12
EP2M23024GCC
120/208V
100kA*
28
36
5.75
30
24
EP2M23036GCC
120/208V
100kA*
28
48
5.75
30
36
EP2M23042GCC
120/208V
100kA*
28
48
5.75
30
42
EP3M23012GCC
120/240V
100kA*
28
36
5.75
30
12
EP3M23024GCC
120/240V
100kA*
28
36
5.75
30
24
EP3M23036GCC
120/240V
100kA*
28
48
5.75
30
36
EP3M23042GCC
120/240V
100kA*
28
48
5.75
30
42
EP4M23012GCC
277/480V
100kA**
28
36
5.75
30
12
EP4M23024GCC
277/480V
100kA**
28
36
5.75
30
24
EP4M23036GCC
277/480V
100kA**
28
48
5.75
30
36
EP4M23042GCC
277/480V
100kA**
28
48
5.75
30
42
* When protected by upstream LPN-RK 100A max, LPJ 200A max or JJN 200A max, otherwise 10kA.
** When protected by upstream LPS-RK 200A max, LPJ 200A max or JJS 200A max, otherwise 14kA.
Main breaker option may impact selective coordination. Coordination must be verified analyzing time current curves and available current.
Coordination Module™ Catalog Numbering System
Prefix
General
Purpose
Enclosure
Type of
Branch Circuit
Fuses
EP = Emergency
Panel
Main
Number of
Circuits
Branch Circuit
Amperage
Main Amperage
(200 Amps Max)
Voltage
2 = 120/208V 3P, 4W
3 = 120/240V 1P, 3W
4 = 277/480V 3P, 4W
Example:
1 = 100A
1.5 = 150A
2 = 200A
30A Max
TYPE 1 only
CC Fuses
M = MLO
*B =Breaker
EP 2 M 2 30 42 G CC
NEMA Type 1 enclosure
with surface mount trim.
Ground Bar bolted with set screw
terminations.
120/208V or 277/480V Main lugs
with AWG 6-300Kcmil terminations.
Full-Sized neutral bar with set-screw
terminations.
Class CC fuse holders with
easyID™ neon indicator
Provides ease of coordination with
superior overcurrent protection and
open fuse indication.
12 to 42 Circuits.
Branch circuit breakers
provide circuit isolation.
200A Copper main bus.
Feed-through lugs available upon request. See data sheet 1149 for more information.
Additional main configurations available, see data sheet 1149 for more information.
12
24
36
42
©2008 Cooper Bussmann
St. Louis, MO 63178
636-394-2877
www.cooperbussmann.com
Reorder # 3115 10-08-5M
Printed in USA
WH
D
1
6
6
7
7
8
8
2
2
3
3
4
4
5
5
1
*Main breaker drops assembly SCCR
to 10kA.


Similar Part No. - EP3M23024GCC

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EP30 YUXIANG-EP30 Datasheet
105Kb / 2P
   EP Core
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Actel Corporation
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
EP3001 EOREX-EP3001 Datasheet
93Kb / 4P
   Evaluation Board Manual
More results

Similar Description - EP3M23024GCC

ManufacturerPart #DatasheetDescription
logo
TEMEX
CFPX3000 TEMEX-CFPX3000 Datasheet
409Kb / 7P
   A range of European Space Components Coordination (ESCC ) approved crystals
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com