Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4559-14 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # C4559-14
Description  Stud Type Junction Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C4559-14 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  C4559-14 Datasheet HTML 1Page - Cooper Bussmann, Inc. C4559-14 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
MAGNUM
F
KA
KA
KA
J
H
G
E
D
CB
M (thread size)
.75"
(19.1)
.75"
(19.1)
1.87"
(47.6)
1.12"
(28.6)
L (4 MTG. HOLES)
L(2 MTG.
HOLES)
L(2 MTG.
HOLES)
Fig. 1
Fig. 2
Fig. 3
Stud Type Junction Blocks
SPECIFICATIONS
Material: Studs on non-feed-thrus are steel
plated; feed-thrus are copper alloy.
Applications: Heavy-duty ground or power
connection points in AC or DC circuits. Feed-
thru or stand alone mount options available for
transformers, communication and computer
power sections along with various vehicle elec-
trical systems.
Benefits: Modular design offers design and
manufacturing flexibility.
Suggested Max. Termination Ratings:
Part
Fig.
ABCD
E
F
G
H
J
K
L
M
Material
Color
C1925
*
1
2.75
1.5
1.25
1.25
1.12
.37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
1/2-13
Thermoplastic /
Red
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
(4.8)
(4.8)
(50.8)
C’bore x .16 deep
Zinc plated Brass
C1925B
1
2.75
1.5
1.25
1.25
1.12
.37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
1/2-13
Thermoplastic /
Black
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
(4.8)
(4.8)
(50.8)
C’bore x .16 deep
Zinc plated Brass
C1925-1
1
2.75
1.5
1.25
1.25
1.12
.37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
1/2-13
Thermoplastic /
Red
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
(4.8)
(4.8)
(50.8)
C’bore x .16 deep
Tin plated Brass
C1925-1B
1
2.75
1.5
1.25
1.25
1.12
.37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
1/2-13
Thermoplastic /
Black
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
(4.8)
(4.8)
(50.8)
C’bore x .16 deep
Tin plated Brass
C1925-2
1
2.75
1.5
1.25
1.25
1.12
.37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
3/8-16
Thermoplastic /
Red
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
(4.8)
(4.8)
(50.8)
C’bore x .16 deep
Tin plated Brass
C1925-2B
1
2.75
1.5
1.25
1.25
1.12
.37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
3/8-16
Thermoplastic /
Black
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
(4.8)
(4.8)
(50.8)
C’bore x .16 deep
Tin plated Brass
C1933
1
2.75
1.44
1.25
1.5
1.12
.37
None
.19
None
2.0
.22 dia.
1/2-13
Thermoplastic /
Black
(69.8)
(36.6)
(31.7)
(38.1)
(28.6)
(9.5)
(4.8)
(50.8)
Zinc plated Brass
C1933-1
1
2.75
1.44
1.25
1.5
1.12
.37
None
.19
None
2.0
.22 dia.
5/16-18
Thermoplastic /
Black
(69.8)
(36.3)
(31.7)
(38.1)
(28.6)
(9.5)
(4.8)
(50.8)
Zinc plated Brass
C1938
*
2
2.06
.94
.69
.87
.69
.31
.87
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Black
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(7.9)
(22.2)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Zinc plated Brass
C1938R
2
2.06
.94
.69
.87
.69
.31
.94
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Red
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(7.9)
(23.8)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Zinc plated Brass
C1938-1
2
2.06
.94
.69
.87
.69
.31
.94
.06
.06
1.31
.22 dia. w/.41 dia.
5/16-18
Thermoplastic /
Black
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(7.9)
(23.8)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Tin plated Brass
C1938-1R
2
2.06
.94
.69
.87
.69
.31
.94
.06
.06
1.31
.22 dia. w/.41 dia.
5/16-18
Thermoplastic /
Red
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(7.9)
(23.8)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Tin plated Brass
C2791
*
3
2.06
.69
.44
.62
.69
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
1/4-20
Thermoplastic /
Black
(52.4)
(17.5)
(11.2)
(15.9)
(17.5)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
Zinc plated Brass
C2791R
*
3
2.06
.69
.44
.62
.69
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
1/4-20
Thermoplastic /
Red
(52.4)
(17.5)
(11.2)
(15.9)
(17.5)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
Zinc plated Brass
C2909
*
3
2.06
.69
.44
.62
1.0
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
10-32
Thermoplastic /
Black
(52.4)
(17.5)
(11.2)
(15.9)
(25.4)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Zinc plated Brass
C2909-1
*
3
2.06
.69
.44
.62
1.0
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
1/4-20
Thermoplastic /
Black
(52.4)
(17.5)
(11.2)
(15.9)
(25.4)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Zinc plated Brass
C4044
*
2
2.06
.87
.62
.62
1.12
.31
.87
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Black
(52.4)
(22.2)
(15.9)
(15.9)
(28.6)
(7.9)
(22.2)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
Zinc plated Brass
C4044-1
2
2.06
.87
.62
.62
1.12
.31
.94
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Red
(52.4)
(22.2)
(15.9)
(15.9)
(15.9)
(7.9)
(23.8)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
Tin plated Brass
C4044-1R
2
2.06
.87
.62
.62
1.12
.31
.94
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Red
(52.4)
(22.2)
(15.9)
(15.9)
(15.9)
(7.9)
(23.8)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
Tin plated Brass
C6344-2
2
2.06
.87
.62
.62
1.12
.31
.94
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Black
(52.4)
(22.2)
(15.9)
(15.9)
(15.9)
(7.9)
(23.8)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
Zinc plated Brass
C7018
*
3
2.06
.69
.44
.47
.69
.31
.53
.06
.06
1.31
.22 dia. w/.41 dia.
M6
Thermoplastic /
Black
(52.4)
(17.5)
(11.2)
(11.9)
(17.5)
(7.9)
(13.5)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Zinc plated Brass
C7020
2
2.06
.94
.69
.88
.69
.31
1.25
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic /
Black
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(8.0)
(31.8)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
Zinc plated Brass
JB3816-2
2
2.12
1.0
.62
.94
.69
.31
None
.06
None
1.37
.22 dia. w/.37 dia.
3/8-16
Thermoplastic /
Black
(54.0)
(25.4)
(15.9)
(23.8)
(17.5)
(7.9)
(1.6)
(34.9)
C’bore x .14 deep
Zinc plated Brass
JB3816-3
2
2.12
1.0
.62
.94
.69
.31
None
.06
None
1.37
.22 dia. w/.37 dia.
3/8-16
Thermoplastic /
Red
(54.0)
(25.4)
(15.9)
(23.8)
(17.5)
(7.9)
(1.6)
(34.9)
C’bore x .14 deep
Zinc plated Brass
*Feed-thru
Options – Nuts & washers; consult factory.
Dimensions
Thread/Stud Sz.
Amperages
#10
50 Amps
#1/4 & M6
100 Amps
#5/16
200 Amps
#3/8
250 Amps
#1/2
400 Amps
140


Similar Part No. - C4559-14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4550 VECTRON-C4550 Datasheet
410Kb / 4P
   OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4550 VECTRON-C4550 Datasheet
116Kb / 5P
   Surface Mount Package Optional
C4550 VECTRON-C4550 Datasheet
52Kb / 2P
   Stratum 3E
C4550 VECTRON-C4550_06 Datasheet
116Kb / 5P
   Surface Mount Package Optional
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
More results

Similar Description - C4559-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2791 ETC1-C2791 Datasheet
491Kb / 2P
   Feed-through and standalone stud type junction blocks
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
   Connector/Stud Power Distribution Blocks
logo
Banner Engineering Corp...
R50-4M125-M125Q-P BANNER-R50-4M125-M125Q-P Datasheet
2Mb / 4P
   Molded Junction Blocks - Parallel Wired
Rev. A / 9 May 2022
logo
Adam Technologies, Inc.
EB59-XX-A ADAM-TECH-EB59-XX-A Datasheet
87Kb / 1P
   MINI TYPE SIMPLE TYPE CLAMP TERMINAL BLOCKS
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
logo
Naina Semiconductor ltd...
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
   Phase Control Thyristors (Stud Type), 150A
240NS NAINA-240NS Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Type), 320A
logo
TRANSYS Electronics Lim...
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 40 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
   SCHOTTKY DIODES STUD TYPE 75 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com