Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1329I-BK001 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # 1329I-BK001
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1329I-BK001 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button 1329I-BK001 Datasheet HTML 2Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 3Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 4Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 5Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 6Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 7Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 8Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 9Page - Cooper Bussmann, Inc. 1329I-BK001 Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
High Speed Fuses
Bussmann
Fuses in Allen-Bradley Drives
TECHNICAL LITERATURE
3/11/2002
Model 1336 FORCE Adjustable Frequncy AC Drive
0.75 - 485 kW (1 - 650 HP)
Maximum Short Circuit Rating is 200kA
Maximum Recommended AC Input Line Fuse Ratings (fuses are user supplied)
Drive Catalog
Rating
Number
kW
HP
200–240V
380–480V
500–600V
1336T– _ _ F10
0.75
1
10
6
1336T– _ _ F30
2.2
3
25
15
1336T– _ _ F50
3.7
5
40
20
1336T– _ _ 001
0.75
1
10
6
6
1336T– _ _ 003
2.2
3
15
10
10
1336T– _ _ 007
5.5
7.5
40
20
15
1336T– _ _ 010
7.5
10
50
30
20
1336T– _ _ 015
11
15
70
35
25
1336T– _ _ 020
15
20
100
45
35
1336T– _ _ 025
18.5
25
100
60
40
1336T– _ _ 030
22
30
125
70
50
1336T– _ _ 040
30
40
150
80
60
1336T– _ _ 050
37
50
200
100
80
1336T– _ _ X060
45
60
100
1336T– _ _ 060
45
60
250
125
90
1336T– _ _ 075
56
75
150
110
1336T– _ _ 100
75
100
200
150
1336T– _ _ 125
93
125
250
175
1336T– _ _ X150
112
150
250
1336T– _ _ 150
112
150
300
225
1336T– _ _ 200
149
200
400
350
1336T– _ _ 250
187
250
450
400
1336T– _ _ X300
224
300
400
Amps
Fuse Blocks
Disconnect Switches
KTK-R
0 to 30
BC6033B or OPM-NG-SC3
CFD30CC3
LPJ
0 to 30
J60030-3CR or JP60030-3CR
CFD30J3
35 to 60
J60060-3CR
CDF60J3
65 to 100
J60100-3CR
CFD100J3
110 to 200
J60200-3CR
FD200J3
225 to 400
J60400-3CR
FD400J3
450 to 600
J60600-3CR
FD600J3
JJS
0 to 30
T60030-3CR
35 to 60
T60060-3CR
65 to 100
T60100-3C
CFD100J3/BDTA1
110 to 200
T60200-1C
(Single pole blocks)
FD200J3/BDTA2
225 to 400
T60400-1C
(Single pole blocks)
FD400J3/BDTA4
450 to 600
T60600-1C
(Single pole blocks)
FD600J3/BDTA6
Use Bussmann LPJ, KTK-R or JJS Fuses


Similar Part No. - 1329I-BK001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1329 ETC2-1329 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
Yantel Corporation
1329 YANTEL-1329 Datasheet
79Kb / 2P
   Variable RF Inductor
logo
Festo Corporation.
13290 FESTO-13290 Datasheet
93Kb / 1P
   Clamping module
12/7/22
13291 FESTO-13291 Datasheet
92Kb / 1P
   Clamping module
12/7/22
13292 FESTO-13292 Datasheet
92Kb / 1P
   Clamping module
12/7/22
More results

Similar Description - 1329I-BK001

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com