Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFE4192-581 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # HFE4192-581
Description  4.25GBPS 850NM VCSEL LC TOSA PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFE4192-581 Datasheet(HTML) 1 Page - Finisar Corporation.

  HFE4192-581 Datasheet HTML 1Page - Finisar Corporation. HFE4192-581 Datasheet HTML 2Page - Finisar Corporation. HFE4192-581 Datasheet HTML 3Page - Finisar Corporation. HFE4192-581 Datasheet HTML 4Page - Finisar Corporation. HFE4192-581 Datasheet HTML 5Page - Finisar Corporation. HFE4192-581 Datasheet HTML 6Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
850nm multi-mode oxide
isolated VCSEL
Capable of modulation operation
from DC to 5Gbps
TO-46 tilt window metal can
component, prealigned into
LC Sleeve
Designed for drive currents
between 3-15mA average
Packaged with a back monitor
Attenuated window can
4.25GBPS 850NM VCSEL
LC TOSA PACKAGE
HFE4192-58X
DATA
SHEET
This product is a high-performance 850nm VCSELs (Vertical Cavity Surface-
Emitting Lasers) designed for high-speed data communications and packaged
with a custom designed power monitor diode. The power monitor diode can
be used with appropriate feedback control circuitry to set a maximum power
level for the VCSEL. These combined features simplify design for high data rate
communication and eye safety.
The device is designed to convert electrical current into optical power that can
be used in fiber optic communications and other applications. As the current
varies above threshold, the light intensity increases proportionally.
It is designed to be used with inexpensive silicon or gallium arsenide detectors,
but excellent performance can also be achieved with some indium gallium
arsenide detectors.
The low drive current requirement makes direct drive from PECL (Positive
Emitter Coupled Logic) or ECL (Emitter Coupled Logic) gates possible and
eases driver design.
VCSELs produce circularly symmetric, non-astigmatic, narrow divergence
beams that, with appropriate lensing, fiber couple all of the emitter power. This
LC TOSA product is pre-aligned and focused fiber optic transmitters designed
to interface with 50/125 and 62.5/125
µm multi-mode fiber.
Part Number
Description
HFE4192-581
LC TOSA with attenuated optics, monitor photodiode, normal polarity
HFE4192-582
LC TOSA with attenuated optics, monitor photodiode, reverse polarity


Similar Part No. - HFE4192-581

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
HFE4191-441 FINISAR-HFE4191-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
More results

Similar Description - HFE4192-581

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE7192-6X1 FINISAR-HFE7192-6X1 Datasheet
546Kb / 7P
   8Gbps 850nm VCSEL, LC TOSA Package
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
HFE6X92-761 FINISAR-HFE6X92-761 Datasheet
726Kb / 8P
   10Gbps 850nm VCSEL, LC and SC TOSA Package
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
HFE7192-581 FINISAR-HFE7192-581 Datasheet
320Kb / 7P
   1/2/4/8 GBPS 850NM VCSEL LC TOSA PACKAGES
HFD3180-203 FINISAR-HFD3180-203 Datasheet
93Kb / 7P
   4.25Gbps 850nm PIN Preamp, LC ROSA
logo
JDS Uniphase Corporatio...
PL-SLX-00-SG0-CX JDSU-PL-SLX-00-SG0-CX Datasheet
244Kb / 6P
   850 nm 4.25 G VCSEL LC TOSA
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com