Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFE4192-581 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # HFE4192-581
Description  4.25GBPS 850NM VCSEL LC TOSA PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFE4192-581 Datasheet(HTML) 6 Page - Finisar Corporation.

  HFE4192-581 Datasheet HTML 1Page - Finisar Corporation. HFE4192-581 Datasheet HTML 2Page - Finisar Corporation. HFE4192-581 Datasheet HTML 3Page - Finisar Corporation. HFE4192-581 Datasheet HTML 4Page - Finisar Corporation. HFE4192-581 Datasheet HTML 5Page - Finisar Corporation. HFE4192-581 Datasheet HTML 6Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2007 Finisar Corporation. All rights reserved. Finisar is a registered trademark of Finisar Corporation. Features and specifications are subject to change without notice.
6/07
Rev. B
Phone:1-866-MY-VCSEL USA (toll free)
1-214-509-2700 USA (Direct dial)
44 (0) 174 336 5533 Europe
886-935-409898 China & Taiwan
81-90-4437-1130 Japan
82-11-220-6153 Asia Pacific & Korea
Fax: 1-214-509-3709 USA
Email: support@adopco.com
WEB: www.finisar.com/aoc.php
ADVANCED OPTICAL COMPONENTS
Finisar’s ADVANCED OPTICAL COMPONENTS division was
formed through strategic acquisition of key optical compon-
ent suppliers. The company has led the industry in high
volume Vertical Cavity Surface Emitting Laser (VCSEL) and
associated detector technology since 1996. VCSELs have
become the primary laser source for optical data communi-
cation, and are rapidly expanding into a wide variety of sensor
applications. VCSELs’ superior reliability, low drive current,
high coupled power, narrow and circularly symmetric beam
and versatile packaging options (including arrays) are enabling
solutions not possible with other optical technologies.
ADVANCED OPTICAL COMPONENTS is also a key supplier of
Fabrey-Perot (FP) and Distributed Feedback (DFB) Lasers, and
Optical Isolators (OI) for use in single mode fiber data and
telecommunications networks
LOCATION
Allen, TX - Business unit headquarters, VCSEL wafer
growth, wafer fabrication and TO package assembly.
Fremont, CA – Wafer growth and fabrication of 1310 to
1550nm FP and DFB lasers.
Shanghai, PRC – Optical passives assembly, including
optical isolators and splitters.
SALES AND SERVICE
Finisar’s ADVANCED OPTICAL COMPONENTS division serves its
customers through a worldwide network of sales offices and
distributors. For application assistance, current specifications,
pricing or name of the nearest Authorized Distributor, contact
a nearby sales office or call the number listed below.
AOC CAPABILITIES
ADVANCED OPTICAL COMPONENTS’ advanced capabilities
include:
1, 2, 4, 8, and 10Gbps serial VCSEL solutions
1, 2, 4, 8, and 10Gbps serial SW DETECTOR solutions
VCSEL and detector arrays
1, 2, 4, 8, and 10Gbps FP and DFB solutions at 1310 and
1550nm
1, 2, 4, 8, and 10Gbps serial LW DETECTOR solutions
Optical Isolators from 1260 to 1600nm range
Laser packaging in TO46, TO56, and Optical
subassemblies with SC, LC, and MU interfaces for
communication networks
VCSELs operating at 670nm, 780nm, 980nm, and 1310nm
in development
Sensor packages include surface mount, various plastics,
chip on board, chipscale packages, etc.
Custom packaging options
HFE4192-58X
4.25GBPS 850NM VCSEL


Similar Part No. - HFE4192-581

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
HFE4191-441 FINISAR-HFE4191-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
More results

Similar Description - HFE4192-581

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE7192-6X1 FINISAR-HFE7192-6X1 Datasheet
546Kb / 7P
   8Gbps 850nm VCSEL, LC TOSA Package
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
HFE6X92-761 FINISAR-HFE6X92-761 Datasheet
726Kb / 8P
   10Gbps 850nm VCSEL, LC and SC TOSA Package
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
HFE7192-581 FINISAR-HFE7192-581 Datasheet
320Kb / 7P
   1/2/4/8 GBPS 850NM VCSEL LC TOSA PACKAGES
HFD3180-203 FINISAR-HFD3180-203 Datasheet
93Kb / 7P
   4.25Gbps 850nm PIN Preamp, LC ROSA
logo
JDS Uniphase Corporatio...
PL-SLX-00-SG0-CX JDSU-PL-SLX-00-SG0-CX Datasheet
244Kb / 6P
   850 nm 4.25 G VCSEL LC TOSA
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com